Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56321 Datasheet (PDF) - NXP Semiconductors

DSP56321 Datasheet PDF - NXP Semiconductors
Part # DSP56321
Download  DSP56321 Download
File Size   2163.2 Kbytes
Page   88 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 24-Bit Digital Signal Processor

DSP56321 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSP56321 Datasheet PDF - NXP Semiconductors

Part # DSP56321
Download  DSP56321 Click to download

File Size   2163.2 Kbytes
Page   88 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 24-Bit Digital Signal Processor

DSP56321 Datasheet (HTML) - NXP Semiconductors


DSP56321 Product details

DSP56321T Features
High-Performance DSP56300 Core
• 220/240 million multiply-accumulates per second (MMACS) (440/480 MMACS using the EFCOP in
filtering applications) with a 220/240 MHz clock at 1.6 V core and 3.3 V I/O and a junction
temperature range of 0–85°C
• Object code compatible with the DSP56000 core with highly parallel instruction set
• Data Arithmetic Logic Unit (Data ALU) with fully pipelined 24 ´ 24-bit parallel
Multiplier-Accumulator (MAC), 56-bit parallel barrel shifter (fast shift and normalization; bit stream
generation and parsing), conditional ALU instructions, and 24-bit or 16-bit arithmetic support under
software control
• Program Control Unit (PCU) with Position Independent Code (PIC) support, addressing modes
optimized for DSP applications (including immediate offsets), on-chip instruction cache controller,
on-chip memory-expandable hardware stack, nested hardware DO loops, and fast auto-return interrupts
• Direct Memory Access (DMA) with six DMA channels supporting internal and external accesses;
one-, two-, and three-dimensional transfers (including circular buffering); end-of-block-transfer
interrupts; and triggering from interrupt lines and all peripherals
• Phase Lock Loop (PLL) allows change of low-power Divide Factor (DF) without loss of lock and
output clock with skew elimination
• Hardware debugging support including On-Chip Emulation (OnCEÔ) module, Joint Test Action
Group (JTAG) Test Access Port (TAP)




Similar Part No. - DSP56321

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56321 FREESCALE-DSP56321 Datasheet
1Mb / 84P
24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56321 NXP-DSP56321 Datasheet
1Mb / 84P
24-Bit Digital Signal Processor
Rev. 11, 2/2005
DSP56321RM NXP-DSP56321RM Datasheet
1Mb / 84P
24-Bit Digital Signal Processor
Rev. 11, 2/2005
logo
Freescale Semiconductor...
DSP56321VF200 FREESCALE-DSP56321VF200 Datasheet
1Mb / 84P
24-Bit Digital Signal Processor
DSP56321VF200R2 FREESCALE-DSP56321VF200R2 Datasheet
1Mb / 84P
24-Bit Digital Signal Processor
More results


Similar Description - DSP56321

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56309UM MOTOROLA-DSP56309UM Datasheet
4Mb / 424P
24-Bit Digital Signal Processor
DSP56L307 MOTOROLA-DSP56L307 Datasheet
1Mb / 108P
24-Bit Digital Signal Processor
DSP56307 MOTOROLA-DSP56307 Datasheet
947Kb / 156P
24-BIT DIGITAL SIGNAL PROCESSOR
logo
Freescale Semiconductor...
DSP56321 FREESCALE-DSP56321 Datasheet
1Mb / 84P
24-Bit Digital Signal Processor
DSP56301 FREESCALE-DSP56301 Datasheet
2Mb / 124P
24-Bit Digital Signal Processor
DSP56L307 FREESCALE-DSP56L307 Datasheet
1Mb / 104P
24-Bit Digital Signal Processor
DSP56321VF200R2 FREESCALE-DSP56321VF200R2 Datasheet
1Mb / 84P
24-Bit Digital Signal Processor
DSP56311VL150R2 FREESCALE-DSP56311VL150R2 Datasheet
1Mb / 96P
24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56305 NXP-DSP56305 Datasheet
2Mb / 120P
24-Bit Digital Signal Processor
Rev. 4, 11/2002
DSP56001A NXP-DSP56001A Datasheet
1Mb / 101P
24-BIT DIGITAL SIGNAL PROCESSOR
Rev. 1
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com