Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56600 Datasheet (PDF) - NXP Semiconductors

DSP56600 Datasheet PDF - NXP Semiconductors
Part # DSP56600
Download  DSP56600 Download
File Size   321.35 Kbytes
Page   8 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description DSP56603EVM Evaluation Module

DSP56600 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSP56600 Datasheet PDF - NXP Semiconductors

Part # DSP56600
Download  DSP56600 Click to download

File Size   321.35 Kbytes
Page   8 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description DSP56603EVM Evaluation Module

DSP56600 Datasheet (HTML) - NXP Semiconductors


DSP56600 Product details

FEATURES
• 16-bit DSP56603 Digital Signal Processor
– High Performance DSP56600 Core
• 60 Million Instructions Per Second (MIPS) with a 60 MHz clock (at 2.7 volts)
• Object-code compatible with the DSP56000 and DSP56300 cores
• Highly parallel instruction set
• Fully pipelined 16
´
16-bit parallel Multiplier-Accumulator (MAC)
• Two 40-bit accumulators including extension bits
• 40-bit parallel barrel shifter
• Position Independent Code (PIC) Support
• Unique DSP addressing modes
• On-chip memory-expandable hardware stack
• Nested hardware DO loops
• Fast auto-return interrupts
• On-chip Phase Lock Loop (PLL)
• On-Chip Emulation (OnCE™) module
• JTAG port
• Address Tracing mode reflects internal Program RAM accesses at external port
• On-chip support for software patching and enhancements
– On-Chip Memories
• Program RAM, X data RAM, and Y data RAM size is programmable:
• 3 K
´
24-bit bootstrap ROM
– Off-Chip Memory Expansion
• Program memory expansion to one memory space of 64 K
´
24-bit words
Switch
Mode
Program
RAM Size
X Data RAM
Size
Y Data RAM
Size
disabled 16.5 K
´
24-bit 8 K
´
16-bit 8 K
´
16-bit
enabled 11.5 K
´
24-bit 10.5 K
´
16-bit 10.5 K
´
16-bit




Similar Part No. - DSP56600

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56600 FREESCALE-DSP56600 Datasheet
1Mb / 108P
Implementing Viterbi Decoders Using the VSL Instruction on DSP Families
logo
NXP Semiconductors
DSP56600 NXP-DSP56600 Datasheet
1Mb / 76P
INTEGRATED CELLULAR BASEBAND PROCESSOR DEVELOPMENT IC
Rev 0, 6/98
logo
Freescale Semiconductor...
DSP56600AD FREESCALE-DSP56600AD Datasheet
247Kb / 4P
16-BIT DIGITAL SIGNAL PROCESSOR
DSP56600AD FREESCALE-DSP56600AD Datasheet
239Kb / 4P
INTERGRATED CELLULAR BASEBAND PROCESSOR DEVELOPMENT IC
DSP56600FM FREESCALE-DSP56600FM Datasheet
247Kb / 4P
16-BIT DIGITAL SIGNAL PROCESSOR
More results


Similar Description - DSP56600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61090EVM-029 TI-TPS61090EVM-029 Datasheet
224Kb / 18P
EVALUATION MODULE
ADS126XEVM-PDK TI1-ADS126XEVM-PDK Datasheet
2Mb / 38P
Evaluation module
logo
Figaro Engineering Inc.
EM3870A FIGARO-EM3870A Datasheet
287Kb / 2P
Evaluation Module
EM5141A FIGARO-EM5141A Datasheet
320Kb / 2P
Evaluation Module
EM7160 FIGARO-EM7160 Datasheet
388Kb / 2P
Evaluation Module
EM8100 FIGARO-EM8100 Datasheet
419Kb / 2P
Evaluation Module
logo
Recom International Pow...
RPX-2.5-EVM-1 RECOM-RPX-2.5-EVM-1 Datasheet
1Mb / 5P
Evaluation Module
RPMB-2.0-EVM-1 RECOM-RPMB-2.0-EVM-1 Datasheet
440Kb / 7P
Evaluation Module
RPMB-3.0-EVM-1 RECOM-RPMB-3.0-EVM-1 Datasheet
440Kb / 7P
Evaluation Module
logo
Linx Technologies
EVM-900-RC-CAS LINX-EVM-900-RC-CAS Datasheet
1Mb / 7P
Evaluation Module
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com