Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTD123T Datasheet (PDF) - Nexperia B.V. All rights reserved

PDTD123T Datasheet PDF - Nexperia B.V. All rights reserved
Part # PDTD123T
Download  PDTD123T Download
File Size   243.15 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kΩ, R2 = open

PDTD123T Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTD123T Datasheet PDF - Nexperia B.V. All rights reserved

Part # PDTD123T
Download  PDTD123T Click to download

File Size   243.15 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kΩ, R2 = open

PDTD123T Datasheet (HTML) - Nexperia B.V. All rights reserved


PDTD123T Product details

Features
* Built-in bias resistors
* Simplifies circuit design
*500 mA output current capability
* Reduces component count
* Reduces pick and place costs




Similar Part No. - PDTD123T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTD123T PHILIPS-PDTD123T Datasheet
67Kb / 10P
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = open
Rev. 02-21 July 2005
PDTD123T NXP-PDTD123T Datasheet
129Kb / 10P
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 k廓, R2 = open
Rev. 03-16 November 2009
PDTD123TK PHILIPS-PDTD123TK Datasheet
67Kb / 10P
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = open
Rev. 02-21 July 2005
PDTD123TK NXP-PDTD123TK Datasheet
129Kb / 10P
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 k廓, R2 = open
Rev. 03-16 November 2009
PDTD123TS PHILIPS-PDTD123TS Datasheet
67Kb / 10P
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = open
Rev. 02-21 July 2005
More results


Similar Description - PDTD123T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTD123T PHILIPS-PDTD123T Datasheet
67Kb / 10P
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = open
Rev. 02-21 July 2005
logo
Nexperia B.V. All right...
PDTD123YT-Q NEXPERIA-PDTD123YT-Q Datasheet
221Kb / 11P
50 V, 500 mA NPN resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
22 July 2022
PDTB123ET NEXPERIA-PDTB123ET Datasheet
374Kb / 11P
PNP 500 mA, 50 V resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 2.2 kΩ
Rev. 3 - 22 September 2010
PDTB123TT NEXPERIA-PDTB123TT Datasheet
353Kb / 11P
PNP 500 mA, 50 V resistor-equipped transistor; R1 = 2.2 kΩ, R2 = open
Rev. 4 - 8 November 2010
PDTB123YT-Q NEXPERIA-PDTB123YT-Q Datasheet
222Kb / 10P
PNP 500 mA, 50 V resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
25 February 2022
PDTC123E_SERIES NEXPERIA-PDTC123E_SERIES Datasheet
420Kb / 15P
NPN resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
2004 Aug
PDTD113E_SER NEXPERIA-PDTD113E_SER Datasheet
245Kb / 11P
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 kΩ, R2 = 1 kΩ
Rev. 02 - 16 November 2009
PDTD123E_SER NEXPERIA-PDTD123E_SER Datasheet
245Kb / 11P
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
Rev. 02 - 16 November 2009
PDTD123Y_SER NEXPERIA-PDTD123Y_SER Datasheet
246Kb / 11P
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 10 kΩ
Rev. 02 - 16 November 2009
PEMH20 NEXPERIA-PEMH20 Datasheet
283Kb / 9P
NPN/NPN resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
Rev. 04 - 15 November 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com