Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA7301013CBG Datasheet (PDF) - Renesas Technology Corp

RAA7301013CBG Datasheet PDF - Renesas Technology Corp
Part # RAA7301013CBG
Download  RAA7301013CBG Download
File Size   4453.87 Kbytes
Page   108 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-bit ∆Σ A/D converter IC with programmable gain instrumentation amplifier

RAA7301013CBG Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA7301013CBG Datasheet PDF - Renesas Technology Corp

Part # RAA7301013CBG
Download  RAA7301013CBG Click to download

File Size   4453.87 Kbytes
Page   108 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-bit ∆Σ A/D converter IC with programmable gain instrumentation amplifier

RAA7301013CBG Datasheet (HTML) - Renesas Technology Corp


RAA7301013CBG Product details

Features
 16-bit ΔΣ A/D converter
 Programmable gain instrumentation amplifier (capable of gain adjustment from x1 to x32 and adjustment of offset
voltage)
 Four analog input channels (differential input mode or single-ended input mode can be specified for each input
channel)
 Temperature sensor (internally connected to 16-bit ΔΣ A/D converter)
 Power supply for external sensor (output voltage: 1.2 to 2.2 V)
 Internal system clock (OSC) oscillator (clock frequency: 20 MHz (Typ.))
 Power-on reset (POR) circuit
 Serial interface (SPI or UART communication is selectable)
 256-byte flash memory for storing system configuration data
 Operating voltage range: 2.7 V ≤ VDD ≤ 5.5 V
 Operating temperature range:
 125C models: 40C ≤ TA ≤ 125C (during normal operation)
105C models: 40C ≤ TA ≤ 105C (during normal operation)
 125C and 105C models: 10C ≤ TA ≤ 85C (during flash memory programming)
 Package: 36-pin plastic FBGA (4 mm  4 mm, 0.5-mm pitch)
Caution Flash memory programming refers to erasing or writing of data in the flash memory.




Similar Part No. - RAA7301013CBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA730101 RENESAS-RAA730101_15 Datasheet
4Mb / 108P
16-bit ?誇 A/D converter IC with programmable gain instrumentation amplifier
More results


Similar Description - RAA7301013CBG

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD625 AD-AD625 Datasheet
463Kb / 15P
Programmable Gain Instrumentation Amplifier
REV.D
logo
Burr-Brown (TI)
PGA204 BURR-BROWN-PGA204 Datasheet
261Kb / 14P
Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD625 AD-AD625_15 Datasheet
465Kb / 15P
Programmable Gain Instrumentation Amplifier
REV. D
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
Programmable Gain Instrumentation Amplifier
REV. C
AD8251 AD-AD8251_15 Datasheet
637Kb / 24P
Programmable Gain Instrumentation Amplifier
REV. B
AD8253 AD-AD8253_15 Datasheet
422Kb / 24P
Programmable Gain Instrumentation Amplifier
REV. B
logo
Renesas Technology Corp
RAA730101 RENESAS-RAA730101_15 Datasheet
4Mb / 108P
16-bit ?誇 A/D converter IC with programmable gain instrumentation amplifier
logo
Texas Instruments
PGA280 TI1-PGA280 Datasheet
1Mb / 46P
Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD625 AD-AD625_16 Datasheet
561Kb / 16P
Programmable Gain Instrumentation Amplifier
REV. D
AD625 AD-AD625_17 Datasheet
497Kb / 16P
Programmable Gain Instrumentation Amplifier
23-Feb-2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com