Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APFA2507B2Y2C Datasheet (PDF) - Kingbright Corporation

APFA2507B2Y2C Datasheet PDF - Kingbright Corporation
Part # APFA2507B2Y2C
Download  APFA2507B2Y2C Download
File Size   475.41 Kbytes
Page   4 Pages
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation
Description 2.5 x 0.7 mm Right Angle SMD Chip LED Lamp

APFA2507B2Y2C Datasheet (PDF)

Go To PDF Page Download Datasheet
APFA2507B2Y2C Datasheet PDF - Kingbright Corporation

Part # APFA2507B2Y2C
Download  APFA2507B2Y2C Click to download

File Size   475.41 Kbytes
Page   4 Pages
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation
Description 2.5 x 0.7 mm Right Angle SMD Chip LED Lamp

APFA2507B2Y2C Datasheet (HTML) - Kingbright Corporation


APFA2507B2Y2C Product details

DESCRIPTIONS
 The Blue source color devices are made with InGaN
Light Emitting Diode
 The Super Bright Yellow device is made with AlGaInP
(on GaAs substrate) light emitting diode chip
 Electrostatic discharge and power surge could
damage the LEDs
 It is recommended to use a wrist band or
anti-electrostatic glove when handling the LEDs
 All devices, equipments and machineries must be
electrically grounded
FEATURES
 2.5 x 1.0 x 0.7 mm right angle SMD LED, 0.7 mm
thickness
 Low power consumption
 Wide viewing angle
 Ideal for backlight and indicator
 Package: 3000 pcs / reel
 Moisture sensitivity level: 3
 Tinned pads for improved solderability
 Halogen-free
 RoHS compliant
APPLICATIONS
 Backlight
 Status indicator
 Home and smart appliances
 Wearable and portable devices
 Healthcare applications




Similar Part No. - APFA2507B2Y2C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APFA2507B2G2C KINGBRIGHT-APFA2507B2G2C Datasheet
474Kb / 4P
2.5 x 0.7 mm Right Angle SMD Chip LED Lamp
Rev No: V.2B Date: 01/11/2023
APFA2507B2R2C KINGBRIGHT-APFA2507B2R2C Datasheet
475Kb / 4P
2.5 x 0.7 mm Right Angle SMD Chip LED Lamp
Rev No: V.2A Date: 01/11/2023
More results


Similar Description - APFA2507B2Y2C

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APFA2507LQBDSEEZGKC TO-GRACE-APFA2507LQBDSEEZGKC Datasheet
1Mb / 4P
2.5 x 0.7 mm Right Angle SMD Chip LED Lamp
APFA2507LSURKSYKZGKC TO-GRACE-APFA2507LSURKSYKZGKC Datasheet
1Mb / 4P
2.5 x 0.7 mm Right Angle SMD Chip LED Lamp
KPFA-2507BRGC-11 TO-GRACE-KPFA-2507BRGC-11 Datasheet
1Mb / 4P
2.5 x 0.7 mm Right Angle SMD Chip LED Lamp
logo
Kingbright Corporation
APFA2507B2R2C KINGBRIGHT-APFA2507B2R2C Datasheet
475Kb / 4P
2.5 x 0.7 mm Right Angle SMD Chip LED Lamp
Rev No: V.2A Date: 01/11/2023
APFA2507LQBDSEEZGKC KINGBRIGHT-APFA2507LQBDSEEZGKC_V01 Datasheet
515Kb / 4P
2.5 x 0.7 mm Right Angle SMD Chip LED Lamp
Rev No: V.6B Date: 01/11/2023
APFA2507LSURKSYKZGKC KINGBRIGHT-APFA2507LSURKSYKZGKC_V01 Datasheet
519Kb / 4P
2.5 x 0.7 mm Right Angle SMD Chip LED Lamp
Rev No: V.5A Date: 01/11/2023
APFA2507QBDSEEZGKC KINGBRIGHT-APFA2507QBDSEEZGKC_V01 Datasheet
516Kb / 4P
2.5 x 0.7 mm Right Angle SMD Chip LED Lamp
Rev No: V.11B Date: 01/11/2023
APFA2507R9Y2C KINGBRIGHT-APFA2507R9Y2C Datasheet
479Kb / 4P
2.5 x 0.7 mm Right Angle SMD Chip LED Lamp
Rev No: V.2A Date: 01/11/2023
APFA2507Y2G2C-C2 KINGBRIGHT-APFA2507Y2G2C-C2 Datasheet
499Kb / 4P
2.5 x 0.7 mm Right Angle SMD Chip LED Lamp
Rev No: V.2B Date: 01/11/2023
APFA2507Y3G3-CC KINGBRIGHT-APFA2507Y3G3-CC Datasheet
505Kb / 4P
2.5 x 0.7 mm Right Angle SMD Chip LED Lamp
Rev No: V.2B Date: 01/11/2023
More results




About Kingbright Corporation


Kingbright Corporation is a technology company that specializes in the design, manufacture, and sale of LED components and LED-based lighting products. The company was founded in 1980 and is headquartered in Taipei, Taiwan. Kingbright has a global presence, with operations and customers in over 60 countries around the world.

Kingbright provides a wide range of LED components and lighting products, including surface-mount and through-hole LEDs, LED displays, LED lighting modules, and LED lighting fixtures. The company's products are used in a variety of applications, including automotive, consumer electronics, industrial, and lighting.

Kingbright is known for its expertise in LED technology and its ability to provide high-quality and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the LED market. Kingbright is a recognized leader in the LED market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com