Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR10FM-12LC Datasheet (PDF) - Renesas Technology Corp

BCR10FM-12LC Datasheet PDF - Renesas Technology Corp
Part # BCR10FM-12LC
Download  BCR10FM-12LC Download
File Size   509.28 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 10A - Triac Medium Power Use

BCR10FM-12LC Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR10FM-12LC Datasheet PDF - Renesas Technology Corp

Part # BCR10FM-12LC
Download  BCR10FM-12LC Click to download

File Size   509.28 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 10A - Triac Medium Power Use

BCR10FM-12LC Datasheet (HTML) - Renesas Technology Corp


BCR10FM-12LC Product details

Features
• IT (RMS) : 10 A
• VDRM : 600 V
• Tj: 150°C
• IFGTI, IRGTI, IRGT III: 50 mA
• Insulated Type
• Planar Passivation Type
• Viso: 2000 V




Similar Part No. - BCR10FM-12LC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR10FM-12LB RENESAS-BCR10FM-12LB Datasheet
518Kb / 9P
600V - 10A - Triac
Feb. 19, 2019
BCR10FM-12LB-1BG0 RENESAS-BCR10FM-12LB-1BG0 Datasheet
518Kb / 9P
600V - 10A - Triac
Feb. 19, 2019
BCR10FM-12LB-1BH0 RENESAS-BCR10FM-12LB-1BH0 Datasheet
518Kb / 9P
600V - 10A - Triac
Feb. 19, 2019
BCR10FM-12LBBB0 RENESAS-BCR10FM-12LBBB0 Datasheet
518Kb / 9P
600V - 10A - Triac
Feb. 19, 2019
BCR10FM-12LBBG0 RENESAS-BCR10FM-12LBBG0 Datasheet
518Kb / 9P
600V - 10A - Triac
Feb. 19, 2019
More results


Similar Description - BCR10FM-12LC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR10FM-14LJ RENESAS-BCR10FM-14LJ Datasheet
105Kb / 8P
700V - 10A - Triac Medium Power Use
BCR10LM-14LJ RENESAS-BCR10LM-14LJ Datasheet
110Kb / 8P
700V - 10A - Triac Medium Power Use
BCR10PM-14LJ RENESAS-BCR10PM-14LJ Datasheet
112Kb / 8P
700V - 10A - Triac Medium Power Use
BCR12LM-12LD RENESAS-BCR12LM-12LD Datasheet
105Kb / 8P
600V - 12A - Triac Medium Power Use
BCR10FM-12LB RENESAS-BCR10FM-12LB_15 Datasheet
117Kb / 8P
600V - 10A - Triac Medium Power Use
BCR10CM-16LH RENESAS-BCR10CM-16LH_15 Datasheet
144Kb / 9P
800V - 10A - Triac Medium Power Use
BCR10FM-14LJ RENESAS-BCR10FM-14LJ_15 Datasheet
105Kb / 8P
700V - 10A - Triac Medium Power Use
BCR10LM-14LJ RENESAS-BCR10LM-14LJ_15 Datasheet
110Kb / 8P
700V - 10A - Triac Medium Power Use
BCR10PM-14LJ RENESAS-BCR10PM-14LJ_15 Datasheet
112Kb / 8P
700V - 10A - Triac Medium Power Use
BCR10CM-12LB RENESAS-BCR10CM-12LB_15 Datasheet
152Kb / 9P
600V - 10A - Triac Medium Power Use
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com