Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR16CM-16LB Datasheet (PDF) - Renesas Technology Corp

BCR16CM-16LB Datasheet PDF - Renesas Technology Corp
Part # BCR16CM-16LB
Download  BCR16CM-16LB Download
File Size   505.26 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 800V - 16A - Triac Medium Power Use

BCR16CM-16LB Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR16CM-16LB Datasheet PDF - Renesas Technology Corp

Part # BCR16CM-16LB
Download  BCR16CM-16LB Click to download

File Size   505.26 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 800V - 16A - Triac Medium Power Use

BCR16CM-16LB Datasheet (HTML) - Renesas Technology Corp


BCR16CM-16LB Product details

Features
• IT (RMS) : 16 A
• VDRM : 800 V
• IFGTI, IRGTI, IRGT III: 30 mA
• Tj: 150°C
• Non-insulated Type
• Planar Passivation Type




Similar Part No. - BCR16CM-16LB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR16CM-16LB RENESAS-BCR16CM-16LB_15 Datasheet
143Kb / 9P
800V - 16A - Triac Medium Power Use
More results


Similar Description - BCR16CM-16LB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR16FM-12LB RENESAS-BCR16FM-12LB_15 Datasheet
163Kb / 8P
600V - 16A - Triac Medium Power Use
BCR4CM-16LH RENESAS-BCR4CM-16LH_15 Datasheet
142Kb / 9P
800V - 4A - Triac Medium Power Use
BCR10CM-16LH RENESAS-BCR10CM-16LH_15 Datasheet
144Kb / 9P
800V - 10A - Triac Medium Power Use
BCR16CM-16LB RENESAS-BCR16CM-16LB_15 Datasheet
143Kb / 9P
800V - 16A - Triac Medium Power Use
BCR16CM-16LH RENESAS-BCR16CM-16LH_15 Datasheet
141Kb / 9P
800V - 16A - Triac Medium Power Use
BCR20CM-16LB RENESAS-BCR20CM-16LB_15 Datasheet
141Kb / 9P
800V - 20A - Triac Medium Power Use
BCR12CM-16LB RENESAS-BCR12CM-16LB_15 Datasheet
143Kb / 9P
800V - 12A - Triac Medium Power Use
BCR16PM-14LJ RENESAS-BCR16PM-14LJ_15 Datasheet
117Kb / 8P
700V - 16A - Triac Medium Power Use
BCR16FM-14LJ RENESAS-BCR16FM-14LJ_15 Datasheet
112Kb / 8P
700V - 16A - Triac Medium Power Use
BCR16CM-16LH RENESAS-BCR16CM-16LH Datasheet
505Kb / 9P
800V - 16A - Triac Medium Power Use
Feb. 1, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com