Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR20FM-14RA Datasheet (PDF) - Renesas Technology Corp

BCR20FM-14RA Datasheet PDF - Renesas Technology Corp
Part # BCR20FM-14RA
Download  BCR20FM-14RA Download
File Size   468.69 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 700V - 20A - Triac Medium Power Use

BCR20FM-14RA Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR20FM-14RA Datasheet PDF - Renesas Technology Corp

Part # BCR20FM-14RA
Download  BCR20FM-14RA Click to download

File Size   468.69 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 700V - 20A - Triac Medium Power Use

BCR20FM-14RA Datasheet (HTML) - Renesas Technology Corp


BCR20FM-14RA Product details

Features
• IT (RMS) : 20 A
• VDRM : 700 V
• IFGTI, IRGTI, IRGT III: 10 mA
• Insulated Type
• Planar Passivation Type
• Viso: 2000V




Similar Part No. - BCR20FM-14RA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR20FM-14LJ RENESAS-BCR20FM-14LJ Datasheet
103Kb / 8P
700V - 20A - Triac Medium Power Use
BCR20FM-14LJA8BB0 RENESAS-BCR20FM-14LJA8BB0 Datasheet
103Kb / 8P
700V - 20A - Triac Medium Power Use
BCR20FM-14LJBB0 RENESAS-BCR20FM-14LJBB0 Datasheet
103Kb / 8P
700V - 20A - Triac Medium Power Use
BCR20FM-14LJ RENESAS-BCR20FM-14LJ_15 Datasheet
103Kb / 8P
700V - 20A - Triac Medium Power Use
More results


Similar Description - BCR20FM-14RA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR20FM-14LJ RENESAS-BCR20FM-14LJ Datasheet
103Kb / 8P
700V - 20A - Triac Medium Power Use
BCR20PM-14LJ RENESAS-BCR20PM-14LJ Datasheet
108Kb / 8P
700V - 20A - Triac Medium Power Use
BCR25FM-14LJ RENESAS-BCR25FM-14LJ_15 Datasheet
121Kb / 8P
700V - 25A - Triac Medium Power Use
BCR5FM-14LJ RENESAS-BCR5FM-14LJ_15 Datasheet
106Kb / 8P
700V - 5A - Triac Medium Power Use
BCR12LM-14LJ RENESAS-BCR12LM-14LJ_15 Datasheet
110Kb / 8P
700V - 12A - Triac Medium Power Use
BCR12PM-14LJ RENESAS-BCR12PM-14LJ_15 Datasheet
111Kb / 8P
700V - 12A - Triac Medium Power Use
BCR16PM-14LJ RENESAS-BCR16PM-14LJ_15 Datasheet
117Kb / 8P
700V - 16A - Triac Medium Power Use
BCR16FM-14LJ RENESAS-BCR16FM-14LJ_15 Datasheet
112Kb / 8P
700V - 16A - Triac Medium Power Use
BCR20FM-14LJ RENESAS-BCR20FM-14LJ_15 Datasheet
103Kb / 8P
700V - 20A - Triac Medium Power Use
BCR20PM-14LJ RENESAS-BCR20PM-14LJ_15 Datasheet
108Kb / 8P
700V - 20A - Triac Medium Power Use
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com