Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR30FR-8LB Datasheet (PDF) - Renesas Technology Corp

BCR30FR-8LB Datasheet PDF - Renesas Technology Corp
Part # BCR30FR-8LB
Download  BCR30FR-8LB Download
File Size   499.39 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 400V - 30A - Triac Medium Power Use

BCR30FR-8LB Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR30FR-8LB Datasheet PDF - Renesas Technology Corp

Part # BCR30FR-8LB
Download  BCR30FR-8LB Click to download

File Size   499.39 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 400V - 30A - Triac Medium Power Use

BCR30FR-8LB Datasheet (HTML) - Renesas Technology Corp


BCR30FR-8LB Product details

Features
• IT (RMS) : 30 A
• VDRM : 400 V
• Tj: 150 °C
• IFGTI, IRGTI, IRGT III: 30 mA
• Insulated Type
• Planar Passivation Type
• Viso: 2000V




Similar Part No. - BCR30FR-8LB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR30FM-8LB RENESAS-BCR30FM-8LB Datasheet
62Kb / 4P
400V - 30A - Triac Medium Power Use
BCR30FM-8LB-A8BB0 RENESAS-BCR30FM-8LB-A8BB0 Datasheet
62Kb / 4P
400V - 30A - Triac Medium Power Use
BCR30FM-8LBBB0 RENESAS-BCR30FM-8LBBB0 Datasheet
62Kb / 4P
400V - 30A - Triac Medium Power Use
BCR30FM-8LB RENESAS-BCR30FM-8LB_15 Datasheet
62Kb / 4P
400V - 30A - Triac Medium Power Use
More results


Similar Description - BCR30FR-8LB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR10KM-12LC RENESAS-BCR10KM-12LC Datasheet
124Kb / 8P
Triac Medium Power Use
BCR10PM-12LG RENESAS-BCR10PM-12LG Datasheet
121Kb / 8P
Triac Medium Power Use
BCR12PM-12LG RENESAS-BCR12PM-12LG Datasheet
121Kb / 8P
Triac Medium Power Use
BCR12KM-12LA RENESAS-BCR12KM-12LA Datasheet
139Kb / 8P
Triac Medium Power Use
BCR12PM-12LC RENESAS-BCR12PM-12LC Datasheet
107Kb / 8P
Triac Medium Power Use
BCR8PM-12LE RENESAS-BCR8PM-12LE Datasheet
91Kb / 8P
Triac Medium Power Use
BCR30CM-8LB RENESAS-BCR30CM-8LB Datasheet
307Kb / 8P
400V-30A-Triac Medium Power Use
BCR30FM-8LB RENESAS-BCR30FM-8LB Datasheet
62Kb / 4P
400V - 30A - Triac Medium Power Use
BCR30CM-8LB RENESAS-BCR30CM-8LB_15 Datasheet
307Kb / 8P
400V-30A-Triac Medium Power Use
BCR30FM-8LB RENESAS-BCR30FM-8LB_15 Datasheet
62Kb / 4P
400V - 30A - Triac Medium Power Use
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com