Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA7283 Datasheet (PDF) - Renesas Technology Corp

DA7283 Datasheet PDF - Renesas Technology Corp
Part # DA7283
Download  DA7283 Download
File Size   729.65 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Low Power LRA Haptic Driver with Multiple Input Triggers and Software-Free Operation

DA7283 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA7283 Datasheet PDF - Renesas Technology Corp

Part # DA7283
Download  DA7283 Click to download

File Size   729.65 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Low Power LRA Haptic Driver with Multiple Input Triggers and Software-Free Operation

DA7283 Datasheet (HTML) - Renesas Technology Corp


DA7283 Product details

Key Features
■ LRA drive capability
■ No device programming required
■ Three GPI pins for triggering clicks and
complex patterns at two drive levels
■ Automatic LRA resonant frequency tracking
■ Ultra-low power consumption, IQ = 5 nA,
when the device is disabled
■ Low latency (0.75 ms) GPI wake-up
from low power consumption IDLE state,
IQ = 0.68 μA
■ Differential PWM output drive
■ Edge rate control for EMI suppression
■ Current driven system to deliver constant
actuator power
■ Automatic short circuit protection
■ Automatic over-temperature protection
■ Automatic under-voltage lockout protection
■ Automatic haptic playback timeout in case of
host disappearance
■ Supply monitoring and automatic output
limiting
■ Small solution footprint requiring only one
decoupling capacitor in both WLCSP and QFN




Similar Part No. - DA7283

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA7283 DIALOG-DA7283 Datasheet
576Kb / 22P
Ultra-Low Power LRA Haptic Driver with Multiple Input Triggers and Software-Free Operation
logo
Renesas Technology Corp
DA7283 RENESAS-DA7283 Datasheet
850Kb / 24P
Ultra-Low Power LRA Haptic Driver with Multiple Input Triggers and Software-Free Operation
Rev.3.20 June 16, 2026
logo
Dialog Semiconductor
DA7283-01FV2 DIALOG-DA7283-01FV2 Datasheet
576Kb / 22P
Ultra-Low Power LRA Haptic Driver with Multiple Input Triggers and Software-Free Operation
logo
Renesas Technology Corp
DA7283-01FV2 RENESAS-DA7283-01FV2 Datasheet
850Kb / 24P
Ultra-Low Power LRA Haptic Driver with Multiple Input Triggers and Software-Free Operation
Rev.3.20 June 16, 2026
logo
Dialog Semiconductor
DA7283-01FVC DIALOG-DA7283-01FVC Datasheet
576Kb / 22P
Ultra-Low Power LRA Haptic Driver with Multiple Input Triggers and Software-Free Operation
More results


Similar Description - DA7283

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV2605L-Q1 TI1-DRV2605L-Q1 Datasheet
2Mb / 67P
Automotive Haptic Driver for LRA and ERM
DRV2624 TI1-DRV2624 Datasheet
4Mb / 79P
DRV2624 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Internal Memory
DRV2625 TI1-DRV2625 Datasheet
4Mb / 77P
DRV2625 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Built-In Library
logo
Diodes Incorporated
PAM8016 DIODES-PAM8016 Datasheet
500Kb / 10P
HAPTIC DRIVER FOR ERM AND LRA
Rev 2.0
logo
Dialog Semiconductor
DA7280 DIALOG-DA7280 Datasheet
1Mb / 76P
LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
DA7281 DIALOG-DA7281 Datasheet
1Mb / 76P
LRA/ERM Haptic Driver with Multiple I짼C Addresses, Integrated Waveform Memory, and Wideband Support
DA7282 DIALOG-DA7282 Datasheet
1Mb / 77P
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
DA7283 DIALOG-DA7283 Datasheet
576Kb / 22P
Ultra-Low Power LRA Haptic Driver with Multiple Input Triggers and Software-Free Operation
logo
Renesas Technology Corp
DA7280 RENESAS-DA7280 Datasheet
1Mb / 85P
LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
02-Mar-2022
DA7282 RENESAS-DA7282 Datasheet
1Mb / 88P
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
10-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com