Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA7400 Datasheet (PDF) - Renesas Technology Corp

DA7400 Datasheet PDF - Renesas Technology Corp
Part # DA7400
Download  DA7400 Download
File Size   1597.99 Kbytes
Page   133 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Performance Stereo Codec

DA7400 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA7400 Datasheet PDF - Renesas Technology Corp

Part # DA7400
Download  DA7400 Click to download

File Size   1597.99 Kbytes
Page   133 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Performance Stereo Codec

DA7400 Datasheet (HTML) - Renesas Technology Corp


DA7400 Product details

Key Features
■ Stereo analog microphone or line input path with 95 dB dynamic range
■ Stereo differential headphone path with 115 dB dynamic range
■ JAS Hi-Res AUDIO compatible
■ 4-wire digital audio interface with support for I2S, TDM, and other common audio formats:
□ Up to 32 bits per channel
□ Up to 384 kHz sample rate support
■ Two stereo PDM inputs for digital microphones
Applications
■ Headphones and headsets
■ Internet of Things (IoT)
■ Integrated low-noise microphone bias
■ Flexible DSP supporting mixing, gain, equalization, sidetone, and automatic gain control
■ Bypassable asynchronous sample-rate converters
■ Programmable fractional-N phase-locked loop (PLL)
■ I2C compatible control interface
■ WLCSP 32 ball, 3.29 mm x 1.75 mm, 0.4 mm pitch




Similar Part No. - DA7400

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA7400 DIALOG-DA7400 Datasheet
2Mb / 135P
High Performance Stereo Codec Final
logo
Renesas Technology Corp
DA7400 RENESAS-DA7400 Datasheet
2Mb / 140P
High Performance Stereo Codec
Feb 8, 2024
logo
Dialog Semiconductor
DA7400-01000OJ2 DIALOG-DA7400-01000OJ2 Datasheet
2Mb / 135P
High Performance Stereo Codec Final
logo
Renesas Technology Corp
DA7400-01000OJ2 RENESAS-DA7400-01000OJ2 Datasheet
2Mb / 140P
High Performance Stereo Codec
Feb 8, 2024
DA7400 RENESAS-DA7400_V01 Datasheet
2Mb / 140P
High Performance Stereo Codec
Feb 8, 2024
More results


Similar Description - DA7400

ManufacturerPart #DatasheetDescription
logo
NEC
UPD63310 NEC-UPD63310 Datasheet
136Kb / 28P
STEREO SOUND CODEC
logo
Texas Instruments
TLV320AIC27 TI-TLV320AIC27 Datasheet
684Kb / 52P
STEREO AUDIO CODEC
logo
Wolfson Microelectronic...
WM8734 WOLFSON-WM8734_06 Datasheet
529Kb / 46P
Stereo Audio CODEC
logo
Maxim Integrated Produc...
MAX9880A MAXIM-MAX9880A Datasheet
1Mb / 70P
Low-Power, High-Performance Dual I2S Stereo Audio Codec
Rev 0; 7/10
logo
Texas Instruments
TLC320AD90 TI1-TLC320AD90 Datasheet
232Kb / 51P
Stereo Audio Codec
PCM3070 TI1-PCM3070_14 Datasheet
1Mb / 49P
Stereo Audio Codec
TLC320AD90C TI1-TLC320AD90C Datasheet
232Kb / 51P
Stereo Audio Codec
TLV320AIC27 TI1-TLV320AIC27_05 Datasheet
738Kb / 10P
STEREO AUDIO CODEC
logo
Dialog Semiconductor
DA7400 DIALOG-DA7400 Datasheet
2Mb / 135P
High Performance Stereo Codec Final
logo
Maxim Integrated Produc...
MAX9880A MAXIM-MAX9880A_V01 Datasheet
3Mb / 74P
Low-Power, High-Performance Dual I2S Stereo Audio Codec
19-5139; Rev 2; 8/20
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com