Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9083 Datasheet (PDF) - Renesas Technology Corp

DA9083 Datasheet PDF - Renesas Technology Corp
Part # DA9083
Download  DA9083 Download
File Size   700.39 Kbytes
Page   63 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Current, Highly Configurable System PMIC

DA9083 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA9083 Datasheet PDF - Renesas Technology Corp

Part # DA9083
Download  DA9083 Click to download

File Size   700.39 Kbytes
Page   63 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Current, Highly Configurable System PMIC

DA9083 Datasheet (HTML) - Renesas Technology Corp


DA9083 Product details

Key Features
■ Power supply voltage (VIN) 2.9 V to 5.5 V
■ 4 buck converters
■ Selectable output voltage range for all bucks:
□ 1.5 V to 2.7 V, 20 mV step
□ 0.55 V to 1.9 V, 10 mV step
■ Maximum output current:
□ CH1, CH2, CH3 Bucks: 2.5 A
□ CH4 Buck: 5.0 A
■ Interleaving of switching phases of bucks
■ LDO:
□ VOUT: 1.4 V to 1.9 V, 20 mV step
□ IOUT: 0.1 A (max)
■ Load switch (LSW)
□ RDS_ON: 20 mΩ (typ)
□ Current limit at soft start: 100 mA
□ Current limit: 4 A
■ Protection functions:
□ Over-current protection
□ Over/Under-voltage protection
□ Thermal shutdown protection
■ I2C control interface:
□ Standard mode (100 kbit/s)
□ Fast mode (400 kbit/s)
□ Fast mode+ (1 Mbit/s)
□ High-speed mode (3.4 Mbit/s)




Similar Part No. - DA9083

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA9083 RENESAS-DA9083 Datasheet
1Mb / 78P
High Current, Highly Configurable System PMIC
Mar 25, 2025
DA9083-XXUU6 RENESAS-DA9083-XXUU6 Datasheet
1Mb / 78P
High Current, Highly Configurable System PMIC
Mar 25, 2025
DA9083-XXUUC RENESAS-DA9083-XXUUC Datasheet
1Mb / 78P
High Current, Highly Configurable System PMIC
Mar 25, 2025
DA9083 RENESAS-DA9083_V01 Datasheet
1Mb / 78P
High Current, Highly Configurable System PMIC
Mar 25, 2025
More results


Similar Description - DA9083

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3577-3 LINER-LTC3577-3 Datasheet
562Kb / 52P
Highly Integrated Portable Product PMIC
LTC3677-3 LINER-LTC3677-3 Datasheet
4Mb / 44P
Highly Integrated Portable Product PMIC
LTC3677-3 LINER-LTC3677-3_15 Datasheet
4Mb / 44P
Highly Integrated Portable Product PMIC
LTC3675 LINER-LTC3675_15 Datasheet
585Kb / 38P
7-Channel Configurable High Power PMIC
LTC3675-1 LINER-LTC3675-1_15 Datasheet
585Kb / 38P
7-Channel Configurable High Power PMIC
LTC3577-3 LINER-LTC3577-3_15 Datasheet
567Kb / 52P
Highly Integrated Portable Product PMIC
LTC3577-4 LINER-LTC3577-4_15 Datasheet
567Kb / 52P
Highly Integrated Portable Product PMIC
logo
Silicon Laboratories
SI4063 SILABS-SI4063 Datasheet
958Kb / 37P
Highly configurable packet handler
SI4468-7 SILABS-SI4468-7 Datasheet
1Mb / 57P
Highly configurable packet handler
logo
Renesas Technology Corp
DA9080 RENESAS-DA9080 Datasheet
713Kb / 52P
High Current, Highly Configurable System PMIC with Four Bucks and One LDO
08-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com