Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9210 Datasheet (PDF) - Renesas Technology Corp

DA9210 Datasheet PDF - Renesas Technology Corp
Part # DA9210
Download  DA9210 Download
File Size   3065.45 Kbytes
Page   98 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DA9210 Multi-Phase 12 A DC-DC Buck Converter

DA9210 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA9210 Datasheet PDF - Renesas Technology Corp

Part # DA9210
Download  DA9210 Click to download

File Size   3065.45 Kbytes
Page   98 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DA9210 Multi-Phase 12 A DC-DC Buck Converter

DA9210 Datasheet (HTML) - Renesas Technology Corp


DA9210 Product details

Key Features
■ 2.8 V to 5.5 V input voltage
■ 0.3 V to 1.57 V output voltage
■ 12 A output current
■ 24 A output current in parallel configuration
■ 3 MHz nominal switching frequency
□ Enables use of low-profile inductors
■ Output voltage accuracy ±2.5 %
■ Dynamic Voltage Control (DVC)
■ Automatic phase shedding
■ Integrated power switches
■ Remote sensing at point-of-load
■ Power Good and Over-Current Alarm signal
■ Interfaces:
□ I2C and SPI
□ Dedicated DVC
□ GPIO
■ Adjustable soft-start
■ -40 ºC to +125 ºC junction temperature
operation
■ Regulator supervision with automatic undervoltage
and over-voltage protection
■ AEC Q100 grade 3 automotive option
■ Package 48 WLCSP (Route EasyTM,
equivalent to 0.8 mm pitch)
■ Package 42 VFBGA 0.8 mm pitch
(automotive) DA9210-A




Similar Part No. - DA9210

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9210 DIALOG-DA9210 Datasheet
3Mb / 90P
Multi-Phase 12 A DC-DC Buck Converter
DA9210-XXFN2-A DIALOG-DA9210-XXFN2-A Datasheet
3Mb / 90P
Multi-Phase 12 A DC-DC Buck Converter
DA9210-xxFN2-A DIALOG-DA9210-xxFN2-A Datasheet
2Mb / 92P
DA9210 Multi-Phase 12 A DC-DC Buck Converter
DA9210-XXUK2 DIALOG-DA9210-XXUK2 Datasheet
3Mb / 90P
Multi-Phase 12 A DC-DC Buck Converter
DA9210-xxUK2 DIALOG-DA9210-xxUK2 Datasheet
2Mb / 92P
DA9210 Multi-Phase 12 A DC-DC Buck Converter
More results


Similar Description - DA9210

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5104 AME-AME5104 Datasheet
87Kb / 12P
DC/DC Buck Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3125 FOSLINK-FSP3125 Datasheet
272Kb / 9P
150KHZ竊?A PWM BUCK DC/DC CONVERTER
logo
Toshiba Semiconductor
TCV7104FN TOSHIBA-TCV7104FN Datasheet
279Kb / 16P
Buck DC-DC Converter IC
TB7106F TOSHIBA-TB7106F Datasheet
491Kb / 16P
Buck DC-DC Converter IC
logo
Dialog Semiconductor
DA9210 DIALOG-DA9210 Datasheet
3Mb / 90P
Multi-Phase 12 A DC-DC Buck Converter
DA9210 DIALOG-DA9210_16 Datasheet
2Mb / 92P
DA9210 Multi-Phase 12 A DC-DC Buck Converter
DA9213 DIALOG-DA9213 Datasheet
1Mb / 62P
Multi-Phase 5A/Phase DC-DC Buck Converter
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
Buck-Boost DC-DC converter
logo
Bookly Micro electronic
NCM0450HV BOOKLY-NCM0450HV Datasheet
921Kb / 6P
DC-DC BUCK CONVERTER
logo
Renesas Technology Corp
DA9213 RENESAS-DA9213 Datasheet
1Mb / 63P
Multi-Phase 5A/Phase DC-DC Buck Converter
10-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com