Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9211 Datasheet (PDF) - Renesas Technology Corp

DA9211 Datasheet PDF - Renesas Technology Corp
Part # DA9211
Download  DA9211 Download
File Size   2830.83 Kbytes
Page   75 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.8 V to 5.5 V Input voltage

DA9211 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA9211 Datasheet PDF - Renesas Technology Corp

Part # DA9211
Download  DA9211 Click to download

File Size   2830.83 Kbytes
Page   75 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.8 V to 5.5 V Input voltage

DA9211 Datasheet (HTML) - Renesas Technology Corp


DA9211 Product details

Key features
■ 2.8 V to 5.5 V Input voltage
■ 0.3 V to 1.57 V Output voltage
■ 12 A Output Current (DA9211)
■ 2x 6 A Output Current (DA9212)
■ 3 MHz nominal Switching Frequency
■ Max Inductor height 1.0 mm
■ ±1 % Accuracy (static)
■ ±3 % Accuracy (dynamic)
■ Dynamic Voltage Control (DVC)
■ Automatic Phase Shedding
■ Integrated Power Switches
■ Remote Sensing at Point of Load
■ I2C/SPI compatible Interface
■ Output Voltage Tracking Capability
■ Adjustable Soft Start
■ -40 to +85 ºC Temperature Range
■ Package 42 WL-CSP 0.4 mm pitch




Similar Part No. - DA9211

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9211 DIALOG-DA9211 Datasheet
3Mb / 74P
Integrates two dual-phase buck converters
More results


Similar Description - DA9211

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7801 AD-AD7801 Datasheet
219Kb / 16P
2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV.0
AD5551 AD-AD5551_10 Datasheet
460Kb / 16P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 14-Bit DACs
REV. A
AD5542LRZ AD-AD5542LRZ Datasheet
382Kb / 20P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
Input Voltage Operating Range: 1.5 V to 5.5 V
logo
Analog Devices
AD7801BRZ-REEL AD-AD7801BRZ-REEL Datasheet
222Kb / 16P
2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7801BRUZ AD-AD7801BRUZ Datasheet
222Kb / 16P
2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD5542 AD-AD5542_15 Datasheet
382Kb / 20P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD7801 AD-AD7801_15 Datasheet
222Kb / 16P
2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
logo
Vishay Siliconix
SIP12108 VISHAY-SIP12108 Datasheet
1Mb / 18P
2.8 V to 5.5 V Input 5 A Synchronous Buck Regulator
11-Nov-13
SIP12108 VISHAY-SIP12108_V01 Datasheet
1Mb / 17P
2.8 V to 5.5 V Input 5 A Synchronous Buck Regulator
29-Jun-2020
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com