Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1981010050500 Datasheet (PDF) - Chicago Miniature Lamp,inc

1981010050500 Datasheet PDF - Chicago Miniature Lamp,inc
Part # 1981010050500
Download  1981010050500 Download
File Size   381.84 Kbytes
Page   1 Pages
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc
Description LED Indicator 12mm Standard Bezel Flashing

1981010050500 Datasheet (PDF)

Go To PDF Page Download Datasheet
1981010050500 Datasheet PDF - Chicago Miniature Lamp,inc

Part # 1981010050500
Download  1981010050500 Click to download

File Size   381.84 Kbytes
Page   1 Pages
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc
Description LED Indicator 12mm Standard Bezel Flashing

1981010050500 Datasheet (HTML) - Chicago Miniature Lamp,inc




Similar Part No. - 1981010050500

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1981010350500 CML-1981010350500 Datasheet
378Kb / 1P
LED Indicator 12mm Standard Bezel Flashing
1981010351500 CML-1981010351500 Datasheet
378Kb / 1P
LED Indicator 12mm Standard Bezel Flashing
1981010352500 CML-1981010352500 Datasheet
378Kb / 1P
LED Indicator 12mm Standard Bezel Flashing
198101035X500 CML-198101035X500 Datasheet
378Kb / 1P
LED Indicator 12mm Standard Bezel Flashing
More results


Similar Description - 1981010050500

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
192DX00X CML-192DX00X Datasheet
344Kb / 1P
LED Indicator 12mm Standard Bezel
1906X35X CML-1906X35X Datasheet
411Kb / 1P
LED Indicator 8mm Recessed(Interior) Bezel Flashing
198011005X500 CML-198011005X500 Datasheet
383Kb / 1P
LED Indicator 8mm Recessed (Interior) Bezel Flashing
198011035X450 CML-198011035X450 Datasheet
378Kb / 1P
LED Indicator 8mm Recessed (Interior) Bezel Flashing
198100005X500 CML-198100005X500 Datasheet
382Kb / 1P
LED Indicator 12mm Standard Bezel
198100025X500 CML-198100025X500 Datasheet
370Kb / 1P
LED Indicator 12mm Standard Bezel
198100035X500 CML-198100035X500 Datasheet
370Kb / 1P
LED Indicator 12mm Standard Bezel
198101035X500 CML-198101035X500 Datasheet
378Kb / 1P
LED Indicator 12mm Standard Bezel Flashing
198201005X500 CML-198201005X500 Datasheet
380Kb / 1P
LED Indicator 14mm Standard Bezel Flashing
198201035X500 CML-198201035X500 Datasheet
377Kb / 1P
LED Indicator 14mm Standard Bezel Flashing
More results




About Chicago Miniature Lamp,inc


Chicago Miniature Lamp, Inc. (CML) is a manufacturer of miniature and subminiature incandescent lamps, LEDs (Light-Emitting Diodes), and other lighting products. The company was founded in 1931 and is headquartered in Illinois, USA.

CML's products are used in a wide range of applications such as automotive, aerospace, medical, and industrial equipment. They offer a broad range of lighting solutions including T-1 through T-5mm LED lamps, PCB mountable LED indicators, and miniature incandescent lamps.

CML is known for their innovation in the lighting industry, having introduced many new technologies over the years. They have also built a reputation for quality and reliability, with a strong focus on customer service.

In addition to their standard products, CML provides customized lighting solutions to meet specific customer requirements. They have manufacturing facilities in the United States and Asia, and serve customers in over 50 countries.

Overall, CML is a trusted and reputable manufacturer of miniature lighting products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com