Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPA40-11015DFR Datasheet (PDF) - Recom International Power

RPA40-11015DFR Datasheet PDF - Recom International Power
Part # RPA40-11015DFR
Download  RPA40-11015DFR Download
File Size   659.34 Kbytes
Page   7 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 40 Watt 2“ x 1“ Single and Dual Output

RPA40-11015DFR Datasheet (PDF)

Go To PDF Page Download Datasheet
RPA40-11015DFR Datasheet PDF - Recom International Power

Part # RPA40-11015DFR
Download  RPA40-11015DFR Click to download

File Size   659.34 Kbytes
Page   7 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 40 Watt 2“ x 1“ Single and Dual Output

RPA40-11015DFR Datasheet (HTML) - Recom International Power


RPA40-11015DFR Product details

Description
The RPA40-FR series wide range input DC/DC converters have been especially designed for railway
applications and are EN45545-2, EN50155, and UL/EN/IEC 62368-1 certified. With an input voltage
range from 36 to 110VDC and a reinforced isolation barrier rated up to 3kVAC/1min, these high power density converters in a 2“ x 1“ case are particularly suited for rolling stock rail applications. Despite their small size, the RPA40-FR converters are fully specified devices with output currents up to 8 amps, up to 90% typical efficiency, no minimum load, UVLO, tight regulation, and low ripple/noise figures. The trimmable outputs are also fully protected against over-temperature, short circuits, overcurrent, and overvoltage.

Features
• Wide 36-160VDC input voltage range
• 3kVAC/1min reinforced isolation
• Typical efficiency up to 90%
• Six-sided continuous shield
• EN45545-2, EN50155, UL/IEC/EN62368-1 certified




Similar Part No. - RPA40-11015DFR

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
RPA MAGNETROL-RPA Datasheet
1Mb / 12P
THERMATEL짰THERMALDISPERSION
logo
TOCOSAMERICA, INC.
RPA TOCOS-RPA Datasheet
454Kb / 1P
High Quality POTENTIOMETERS
logo
AVX Corporation
RPA AVX-RPA Datasheet
344Kb / 4P
Radial Leaded Aluminum Conductive Polymer Electrolytic Capacitors
Rev 0
logo
TDK Electronics
RPA-2003 TDK-RPA-2003 Datasheet
528Kb / 4P
Single-Phase Filter with Inlet Socket Type for High-Voltage Pulse Noise
RPA-2003L TDK-RPA-2003L Datasheet
528Kb / 4P
Single-Phase Filter with Inlet Socket Type for High-Voltage Pulse Noise
More results


Similar Description - RPA40-11015DFR

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC10-123.3SRW RECOM-REC10-123.3SRW Datasheet
82Kb / 2P
10 Watt 1??x 2??Single & Dual Output
REC15-123.3SRW RECOM-REC15-123.3SRW Datasheet
82Kb / 2P
15 Watt 1??x 2??Single & Dual Output
REC40-1205SRWB RECOM-REC40-1205SRWB Datasheet
87Kb / 2P
40 Watt 2??x 2??Single, Dual & Triple Output
RP15-243.3SFW RECOM-RP15-243.3SFW Datasheet
68Kb / 3P
15 Watt 2??x 1??Single & Dual Output
RP20-243.3SFW RECOM-RP20-243.3SFW Datasheet
73Kb / 3P
20 Watt 2??x 1??Single & Dual Output
RP40-243.3SGW RECOM-RP40-243.3SGW Datasheet
78Kb / 4P
40 Watt 2??x 2??Single & Dual Output
RAC10-K-277 RECOM-RAC10-K-277 Datasheet
503Kb / 6P
10 Watt 2 x 1 Single and Dual Output
REM30-W RECOM-REM30-W Datasheet
2Mb / 8P
30 Watt 4:1 Input 2 x 1 Single and Dual Output
RP12-AR RECOM-RP12-AR Datasheet
816Kb / 8P
12 Watt 1 x 1 Single and Dual Output
REC8E RECOM-REC8E Datasheet
2Mb / 6P
8 Watt 1??x 1??Single and Dual Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com