Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6012F Datasheet (PDF) - NXP Semiconductors

AM6012F Datasheet PDF - NXP Semiconductors
Part # AM6012F
Download  AM6012F Download
File Size   107.28 Kbytes
Page   11 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 12-Bit multiplying D/A converter

AM6012F Datasheet (PDF)

Go To PDF Page Download Datasheet
AM6012F Datasheet PDF - NXP Semiconductors

Part # AM6012F
Download  AM6012F Click to download

File Size   107.28 Kbytes
Page   11 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 12-Bit multiplying D/A converter

AM6012F Datasheet (HTML) - NXP Semiconductors


AM6012F Product details

DESCRIPTION
The AM6012 12-bit multiplying Digital-to-Analog converter provides high-speed and 0.025% differential nonlinearity over its full commercial temperature range.
The D/A converter uses a 3-bit segment generator for the MSBs in conjunction with a 9-bit R-2R diffused resistor ladder to provide 12-bit resolution without costly trimming processes. This technique guarantees a very uniform step size (up to ± LSB from the ideal), monotonicity to 12 bits and integral nonlinearity to 0.05% at its differential current outputs.
The dual complementary outputs of the AM6012 increase its versatility, and effectively double the peak-to-peak output swing. Digital inputs, in addition, can be configured to accept all popular logic families.
While the device requires a reference input of 1mA for a 4mA full-scale current, operation is nearly independent of power supply voltage shifts. The power supply rejection ratio is ±0.001% FS/% ∆V. The devices will work from +5, -12V to ±18V rails, with as low as 230mW power consumption typical.

FEATURES
• 12-bit resolution
• Accurate to within ±0.05%
• Monotonic over temperature
• Fast settling time, 250ns typical
• Trimless design for low cost
• Differential current outputs
• High-speed multiplying capability
• Full-scale current, 4mA (with 1mA reference)
• High output compliance voltage, -5 to +10V
• Low power consumption, 230mW

APPLICATIONS
• CRT displays, computer graphics
• Robotics and machine tools
• Automatic test equipment
• Programmable power supplies
• CAD/CAM systems
• Data acquisition and control systems
• Analog-to-digital converter systems




Similar Part No. - AM6012F

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AM6012 AXELITE-AM6012 Datasheet
591Kb / 6P
N-Ch 100V Fast Switching MOSFETs
Rev.1.0 Apr.29, 2019
AM6012S AXELITE-AM6012S Datasheet
591Kb / 6P
N-Ch 100V Fast Switching MOSFETs
Rev.1.0 Apr.29, 2019
AM6012SA AXELITE-AM6012SA Datasheet
591Kb / 6P
N-Ch 100V Fast Switching MOSFETs
Rev.1.0 Apr.29, 2019
More results


Similar Description - AM6012F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC1020 NSC-DAC1020 Datasheet
264Kb / 14P
10-Bit, 12-Bit Binary Multiplying D/A Converter
DAC1218 NSC-DAC1218 Datasheet
227Kb / 12P
12-Bit Binary Multiplying D/A Converter
logo
Analog Devices
AD668 AD-AD668 Datasheet
602Kb / 16P
12-Bit Ultrahigh Speed Multiplying D/A Converter
logo
Intersil Corporation
AD7541 INTERSIL-AD7541 Datasheet
53Kb / 8P
12-Bit, Multiplying D/A Converter
August 1997
logo
Maxim Integrated Produc...
MX7541 MAXIM-MX7541 Datasheet
179Kb / 4P
CMOS 12 Bit Multiplying D/A Converter
19-0940; Rev 1; 7/95
MX7541A MAXIM-MX7541A Datasheet
317Kb / 8P
CMOS 12 Bit Multiplying D/A Converter
19-0941; Rev 2; 7/95
logo
Intersil Corporation
AD7541 INTERSIL-AD7541_02 Datasheet
164Kb / 8P
12-Bit, Multiplying D/A Converter
May 2002
logo
Analog Devices
AD394 AD-AD394_15 Datasheet
626Kb / 12P
Compatible Multiplying Quad 12-Bit D/A Converter
REV. A
DAC312 AD-DAC312_15 Datasheet
272Kb / 14P
12-Bit High Speed Multiplying D/A Converter
REV. C
logo
Renesas Technology Corp
AD7541 RENESAS-AD7541 Datasheet
480Kb / 8P
12-Bit, Multiplying D/A Converter
May 2002
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com