Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AU2902 Datasheet (PDF) - NXP Semiconductors

AU2902 Datasheet PDF - NXP Semiconductors
Part # AU2902
Download  AU2902 Download
File Size   104.08 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low power quad operational amplifier

AU2902 Datasheet (PDF)

Go To PDF Page Download Datasheet
AU2902 Datasheet PDF - NXP Semiconductors

Part # AU2902
Download  AU2902 Click to download

File Size   104.08 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low power quad operational amplifier

AU2902 Datasheet (HTML) - NXP Semiconductors


AU2902 Product details

DESCRIPTION
The AU2902 consists of four independent, high-gain, internally frequency-compensated operational amplifiers designed specifically to operate from a single power supply over a wide range of voltages.

FEATURES
• Internally frequency-compensated for unity gain
• Large DC voltage gain: 100 dB
• Wide bandwidth (unity gain): 1 MHz (temperature-compensated)
• Wide power supply range Single supply: 3 VDC to 30 VDC or dual supplies: ±1.5 VDC to ±15 VDC
• Very low supply current drain: essentially independent of supply voltage (1 mW/op amp at +5 VDC)
• Low input bias current: 45 nADC (temperature-compensated)
• Low input offset voltage: 2 mVDC and offset current: 5nADC
• Differential input voltage range equal to the power supply voltage
• Large output voltage: 0 VDC to VCC – 1.5 VDC swing




Similar Part No. - AU2902

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AU2901 PHILIPS-AU2901 Datasheet
102Kb / 10P
Quad voltage comparator
2001 Aug 03
AU2901D PHILIPS-AU2901D Datasheet
102Kb / 10P
Quad voltage comparator
2001 Aug 03
AU2901N PHILIPS-AU2901N Datasheet
102Kb / 10P
Quad voltage comparator
2001 Aug 03
AU2903 PHILIPS-AU2903 Datasheet
99Kb / 5P
Low power dual voltage comparator
August 31, 1994
AU2903D PHILIPS-AU2903D Datasheet
99Kb / 5P
Low power dual voltage comparator
August 31, 1994
More results


Similar Description - AU2902

ManufacturerPart #DatasheetDescription
logo
NEC
UPC324 NEC-UPC324 Datasheet
84Kb / 12P
LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
Daewoo Semiconductor
DBL324 DAEWOO-DBL324 Datasheet
292Kb / 6P
LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
IL324 ETC-IL324 Datasheet
201Kb / 4P
Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902DT STMICROELECTRONICS-LM2902DT Datasheet
195Kb / 11P
LOW POWER QUAD OPERATIONAL AMPLIFIER
Nov-2001
logo
Maxwell Technologies
124 MAXWELL-124 Datasheet
263Kb / 12P
Low-Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902H STMICROELECTRONICS-LM2902H Datasheet
62Kb / 2P
Low Power Quad Operational Amplifier
Jul-2005
logo
KODENSHI_AUK CORP.
KK324 KODENSHI-KK324 Datasheet
367Kb / 5P
Low Power Quad Operational Amplifier
logo
IK Semicon Co., Ltd
IL2902 IKSEMICON-IL2902 Datasheet
337Kb / 5P
Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902HD STMICROELECTRONICS-LM2902HD Datasheet
441Kb / 13P
Low power quad operational amplifier
05-Nov-2009
LM2902HDT STMICROELECTRONICS-LM2902HDT Datasheet
441Kb / 13P
Low power quad operational amplifier
05-Nov-2009
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com