Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC-4010SC2-P2AE Datasheet (PDF) - Advantech Co., Ltd.

PAC-4010SC2-P2AE Datasheet PDF - Advantech Co., Ltd.
Part # PAC-4010SC2-P2AE
Download  PAC-4010SC2-P2AE Download
File Size   2089.59 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description Packetarium XLe Ultra High Performance Blade Server with 100G Switched Midplane

PAC-4010SC2-P2AE Datasheet (PDF)

Go To PDF Page Download Datasheet
PAC-4010SC2-P2AE Datasheet PDF - Advantech Co., Ltd.

Part # PAC-4010SC2-P2AE
Download  PAC-4010SC2-P2AE Click to download

File Size   2089.59 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description Packetarium XLe Ultra High Performance Blade Server with 100G Switched Midplane

PAC-4010SC2-P2AE Datasheet (HTML) - Advantech Co., Ltd.


PAC-4010SC2-P2AE Product details

Features
ƒƒ Highest CPU and I/O density platform in the Packetarium XL family
ƒƒ Up to 12 CPU blades with single Intel® Xeon® Processor E5-2600 v3/v4
ƒƒ Up to 2Tbps switching capacity with 100Gbps midplane connectivity per
blade
ƒƒ Flexible I/O configurations with up to 6 PHY Mezzanine Modules (PMMs)
which can host 1x100GbE, 3x40GbE, 2x40GbE, or 8x10GbE ports each
ƒƒ Broadcom FastPath v8.2 and Advantech Load Balancer (L2) supports
ƒƒ Enhanced platform management features for increased RASUM
ƒƒ Hot swappable and redundant AC/DC and DC/DC PSU options
ƒƒ Front-to-rear push-pull cooling mode. Six rear pluggable, hot swappable fan
modules with fan speed control
ƒƒ Optional SATA storage devices on the CPU blade and on the system mount
ƒƒ Optional LCD module support




Similar Part No. - PAC-4010SC2-P2AE

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAC-130 PROTEC-PAC-130 Datasheet
96Kb / 4P
AC POWER LINE TVS COMPONENT
PAC-130 PROTEC-PAC-130 Datasheet
66Kb / 4P
AC POWERLINE TVS COMPONENT
PAC-240 PROTEC-PAC-240 Datasheet
96Kb / 4P
AC POWER LINE TVS COMPONENT
PAC-240 PROTEC-PAC-240 Datasheet
66Kb / 4P
AC POWERLINE TVS COMPONENT
logo
Advantech Co., Ltd.
PAC-6009 ADVANTECH-PAC-6009 Datasheet
818Kb / 2P
6U Carrier Grade Blade Server for Edge Computing and NFV
10-Mar-2016
More results


Similar Description - PAC-4010SC2-P2AE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1059 LINER-LTC1059 Datasheet
462Kb / 8P
High Performance Switched Capacitor Universal Filter
LTC1059 LINER-LTC1059_09 Datasheet
120Kb / 8P
High Performance Switched Capacitor Universal Filter
logo
Texas Instruments
TIBPAL22V10-5C TI1-TIBPAL22V10-5C Datasheet
171Kb / 17P
HIGH-PERFORMANCE IMPACT-XLE PROGRAMMABLE ARRAY LOGIC CIRCUIT
logo
AAEON Technology
CRS-720X-2R AAEON-CRS-720X-2R Datasheet
129Kb / 1P
High Performance 2U Storage Server
CRS-720X-2R AAEON-CRS-720X-2R Datasheet
129Kb / 1P
High Performance 2U Storage Server
CRS-720X-2R AAEON-CRS-720X-2R_15 Datasheet
129Kb / 1P
High Performance 2U Storage Server
logo
NEC
B120F NEC-B120F Datasheet
612Kb / 2P
The flexible blade server
B120G-H NEC-B120G-H Datasheet
949Kb / 2P
The flexible blade server
logo
Advantech Co., Ltd.
EIS-D150 ADVANTECH-EIS-D150 Datasheet
708Kb / 2P
High-Performance Edge Intelligence Server
logo
List of Unclassifed Man...
SX-DS-4000U2 ETC1-SX-DS-4000U2 Datasheet
591Kb / 2P
High-Performance USB Device Server
11.2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com