Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A220 Datasheet (PDF) - NXP Semiconductors

A220 Datasheet PDF - NXP Semiconductors
Part # A220
Download  A220 Download
File Size   41.14 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High-speed diode

A220 Datasheet (PDF)

Go To PDF Page Download Datasheet
A220 Datasheet PDF - NXP Semiconductors

Part # A220
Download  A220 Click to download

File Size   41.14 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High-speed diode

A220 Datasheet (HTML) - NXP Semiconductors


A220 Product details

DESCRIPTION
The BA220 is a high-speed switching diode fabricated in planar technology, and encapsulated in the hermetically sealed leaded glass SOD27 (DO-35) package.

FEATURES
• Hermetically sealed leaded glass SOD27 (DO-35) package
• High switching speed: max. 4 ns
• General application
• Continuous reverse voltage: max. 10 V
• Repetitive peak reverse voltage: max. 10 V
• Repetitive peak forward current: max. 400 mA.

APPLICATIONS
• High-speed switching.




Similar Part No. - A220

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
A220 HITACHI-A220 Datasheet
43Kb / 11P
GaAs MMIC Down Converter for Micro Wave Application
logo
AUK corp
A220 AUK-A220 Datasheet
193Kb / 3P
PNP Silicon Transistor
logo
List of Unclassifed Man...
A220-200B50MP-0215 ETC-A220-200B50MP-0215 Datasheet
781Kb / 4P
200 MM PROCESS WAFER CARRIERS
A220-200B50P-0215 ETC-A220-200B50P-0215 Datasheet
781Kb / 4P
200 MM PROCESS WAFER CARRIERS
logo
Omnetics Connector Corp...
A22001-001 OMNETICS-A22001-001 Datasheet
89Kb / 1P
SOCKET FEMALE CIRCULAR CONNECTOR W/SOLDERCUPS
05-18-12
More results


Similar Description - A220

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAL99 PHILIPS-BAL99 Datasheet
55Kb / 12P
High-speed diode
1999 May 26
BAS316 PHILIPS-BAS316 Datasheet
64Kb / 12P
High-speed diode
1998 Mar 26
BAS32L PHILIPS-BAS32L Datasheet
34Kb / 7P
High-speed diode
1996 Sep 10
logo
SEMTECH ELECTRONICS LTD...
BAS32L SEMTECH_ELEC-BAS32L Datasheet
276Kb / 4P
HIGH SPEED DIODE
logo
NXP Semiconductors
PMBD6050,215 NXP-PMBD6050,215 Datasheet
131Kb / 10P
High-speed diode
2004 Jan 14
logo
Leshan Radio Company
LBAS316T1G LRC-LBAS316T1G_15 Datasheet
236Kb / 4P
High-speed diode
LBAS516T1G LRC-LBAS516T1G_15 Datasheet
204Kb / 4P
High-speed Diode
logo
NXP Semiconductors
BAL99 PHILIPS-BAL99_15 Datasheet
129Kb / 9P
High-speed diode
2003 Dec 12
PMBD6050 PHILIPS-PMBD6050_15 Datasheet
131Kb / 10P
High-speed diode
2004 Jan 14
logo
Nexperia B.V. All right...
PMBD6050 NEXPERIA-PMBD6050 Datasheet
313Kb / 1P
High-speed diode
2004 Jan 14
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com