Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC1195G-X Datasheet (PDF) - PCA ELECTRONICS INC.

EPC1195G-X Datasheet PDF - PCA ELECTRONICS INC.
Part # EPC1195G-X
Download  EPC1195G-X Download
File Size   34.5 Kbytes
Page   1 Pages
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.
Description 500 mW DC/DC Converter

EPC1195G-X Datasheet (PDF)

Go To PDF Page Download Datasheet
EPC1195G-X Datasheet PDF - PCA ELECTRONICS INC.

Part # EPC1195G-X
Download  EPC1195G-X Click to download

File Size   34.5 Kbytes
Page   1 Pages
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.
Description 500 mW DC/DC Converter

EPC1195G-X Datasheet (HTML) - PCA ELECTRONICS INC.


EPC1195G-X Product details

500 mW DC/DC Converter

• Unregulated DC/DC Converter
• Input/Output Isolation : 1000 Vrms
• Very High Efficiency : 80%-85% Typ.
• Operating Temperature : 0°C to +70°C
• UL1446 Class B Insulating System
• UL94V-0 Recognized Materials
• With On/Off Remote




Similar Part No. - EPC1195G-X

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC1195G-X PCA-EPC1195G-X_15 Datasheet
38Kb / 1P
500 mW DC/DC Converter
More results


Similar Description - EPC1195G-X

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC1194G-X PCA-EPC1194G-X Datasheet
34Kb / 1P
500 mW DC/DC Converter
EPC1196G-X PCA-EPC1196G-X Datasheet
34Kb / 1P
500 mW DC/DC Converter
EPC1197-X PCA-EPC1197-X Datasheet
32Kb / 1P
500 mW DC/DC Converter
EPC1198-X PCA-EPC1198-X Datasheet
33Kb / 1P
500 mW DC/DC Converter
EPC1197G-1 PCA-EPC1197G-1 Datasheet
36Kb / 1P
500 mW DC/DC Converter
EPC1193G-X PCA-EPC1193G-X_15 Datasheet
38Kb / 1P
500 mW DC/DC Converter
EPC1194G-X PCA-EPC1194G-X_15 Datasheet
37Kb / 1P
500 mW DC/DC Converter
EPC1195G-X PCA-EPC1195G-X_15 Datasheet
38Kb / 1P
500 mW DC/DC Converter
EPC1197-X PCA-EPC1197-X_15 Datasheet
36Kb / 1P
500 mW DC/DC Converter
EPC1198-X PCA-EPC1198-X_15 Datasheet
36Kb / 1P
500 mW DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com