Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA316 Datasheet (PDF) - NXP Semiconductors

BA316 Datasheet PDF - NXP Semiconductors
Part # BA316
Download  BA316 Download
File Size   39.86 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High-speed diodes

BA316 Datasheet (PDF)

Go To PDF Page Download Datasheet
BA316 Datasheet PDF - NXP Semiconductors

Part # BA316
Download  BA316 Click to download

File Size   39.86 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High-speed diodes

BA316 Datasheet (HTML) - NXP Semiconductors


BA316 Product details

DESCRIPTION

The BA316, BA317, BA318 are high-speed switching diodes fabricated in planar technology, and encapsulated in hermetically sealed leaded glass SOD27 (DO-35) packages.



FEATURES

• Hermetically sealed leaded glass SOD27 (DO-35) package

• High switching speed: max. 4 ns

• General application

• Continuous reverse voltage: 10 V, 30 V, 50 V

• Repetitive peak reverse voltage: max. 15 V, 40 V, 60 V

• Repetitive peak forward current: max. 225 mA.



APPLICATIONS

• High-speed switching.




Similar Part No. - BA316

ManufacturerPart #DatasheetDescription
logo
Rohm
BA311 ROHM-BA311 Datasheet
121Kb / 3P
Monolithic IGs
BA3112 ROHM-BA3112 Datasheet
121Kb / 3P
Monolithic IGs
BA3113 ROHM-BA3113 Datasheet
121Kb / 3P
Monolithic IGs
BA3114 ROHM-BA3114 Datasheet
121Kb / 3P
Monolithic IGs
BA3116 ROHM-BA3116 Datasheet
121Kb / 3P
Monolithic IGs
More results


Similar Description - BA316

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4148 PHILIPS-1N4148 Datasheet
57Kb / 8P
High-speed diodes
1999 May 25
1N4150 PHILIPS-1N4150 Datasheet
53Kb / 8P
High-speed diodes
1999 Jun 01
PMLL4148 PHILIPS-PMLL4148 Datasheet
51Kb / 8P
High-speed diodes
1999 May 27
PMLL4150 PHILIPS-PMLL4150 Datasheet
37Kb / 9P
High-speed diodes
1996 Sep 18
1N4446 PHILIPS-1N4446 Datasheet
69Kb / 7P
High-speed diodes
1996 Apr 15
1N4148 NXP-1N4148 Datasheet
128Kb / 9P
High-speed diodes
2004 Aug 10
1N4531 NXP-1N4531 Datasheet
127Kb / 9P
High-speed diodes
April 1996
1N4148113 NXP-1N4148113 Datasheet
128Kb / 9P
High-speed diodes
2004 Aug 10
1N4148_1N4448 PHILIPS-1N4148_1N4448_15 Datasheet
128Kb / 9P
High-speed diodes
2004 Aug 10
1N4531 PHILIPS-1N4531_15 Datasheet
127Kb / 9P
High-speed diodes
1996 Sep 03
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com