Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG3300 Datasheet (PDF) - Analog Devices

ADG3300 Datasheet PDF - Analog Devices
Part # ADG3300
Download  ADG3300 Download
File Size   615.42 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator

ADG3300 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG3300 Datasheet PDF - Analog Devices

Part # ADG3300
Download  ADG3300 Click to download

File Size   615.42 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator

ADG3300 Datasheet (HTML) - Analog Devices


ADG3300 Product details

GENERAL DESCRIPTION

The ADG3300 is a bidirectional logic level translator that contains eight bidirectional channels. It can be used in multivoltage digital system applications such as data transfer between a low voltage DSP/controller and a higher voltage device. The internal architecture allows the device to perform bidirectional logic level translation without an additional signal to set the direction of the translation.

The voltage applied to VCCA sets the logic levels on the A side of the device, while VCCY sets the levels on the Y side. For proper operation, VCCA must always be less than VCCY. The VCCA-compatible logic signals applied to the A side of the device appear as VCCY-compatible levels on the Y side. Similarly, VCCY-compatible logic levels applied to the Y side of the device appear as VCCA compatible logic levels on the A side.



FEATURES

  Bidirectional level translation

  Operates from 1.15 V to 5.5 V

  Low quiescent current <1 µA

  No direction pin



APPLICATIONS

  Low voltage ASIC level translation

  Smart card readers

  Cell phones and cell phone cradles

  Portable communications devices

  Telecommunications equipment

  Network switches and routers

  Storage systems (SAN/NAS)

  Computing/server applications

  GPS

  Portable POS systems

  Low cost serial interfaces



 




Similar Part No. - ADG3300

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3300BRUZ AD-ADG3300BRUZ Datasheet
616Kb / 20P
Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
ADG3300BRUZ-REEL AD-ADG3300BRUZ-REEL Datasheet
616Kb / 20P
Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
ADG3300BRUZ-REEL7 AD-ADG3300BRUZ-REEL7 Datasheet
616Kb / 20P
Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
More results


Similar Description - ADG3300

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3301 AD-ADG3301 Datasheet
627Kb / 20P
Low Voltage 1.15 V to 5.5 V, Single-Channel Bidirectional Logic Level Translator
12/05-Revision 0
ADG3304 AD-ADG3304_13 Datasheet
618Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. D
ADG3300BRUZ AD-ADG3300BRUZ Datasheet
616Kb / 20P
Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
ADG3308BRUZ AD-ADG3308BRUZ Datasheet
622Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. C
ADG3301 AD-ADG3301_15 Datasheet
627Kb / 20P
Low Voltage 1.15 V to 5.5 V, Single-Channel Bidirectional Logic Level Translator
REV. 0
ADG3304 AD-ADG3304_15 Datasheet
618Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
REV. D
ADG3308 AD-ADG3308_15 Datasheet
501Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3308-1 AD-ADG3308-1_15 Datasheet
501Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3304 AD-ADG3304_V01 Datasheet
637Kb / 21P
Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. E
ADG3308 AD-ADG3308_V01 Datasheet
398Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com