Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC1005D650 Datasheet (PDF) - Renesas Technology Corp

DAC1005D650 Datasheet PDF - Renesas Technology Corp
Part # DAC1005D650
Download  DAC1005D650 Download
File Size   412.81 Kbytes
Page   41 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 10-bit DAC, up to 650 Msps; 2 4 and 8 interpolating

DAC1005D650 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC1005D650 Datasheet PDF - Renesas Technology Corp

Part # DAC1005D650
Download  DAC1005D650 Click to download

File Size   412.81 Kbytes
Page   41 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 10-bit DAC, up to 650 Msps; 2 4 and 8 interpolating

DAC1005D650 Datasheet (HTML) - Renesas Technology Corp


DAC1005D650 Product details

Features and benefits
 Dual 10-bit resolution
 650 Msps maximum update rate
 Selectable 2, 4 or 8 interpolation
filters
 Input data rate up to 160 Msps
 Very low noise cap-free integrated PLL
 32-bit programmable NCO frequency
 Dual-port or Interleaved data modes
 1.8 V and 3.3 V power supplies
 LVDS compatible clock
 Two’s complement or binary offset
data format
 3.3 V CMOS input buffers
 IMD3: 79 dBc; fs = 640 Msps; fo = 96 MHz
 SFDR: 75 dBc; fdata = 80 MHz;
fs = 640 Msps; fo = 19 MHz; PLL on
 Typical 0.95 W power dissipation at 4
interpolation
 Power-down and Sleep modes
 Differential scalable output current from
1.6 mA to 20 mA
 On-chip 1.29 V reference
 External analog offset control
(10-bit auxiliary DACs)
 Internal digital offset control
 Inverse (sin x) / x function
 Fully compatible SPI port
 Industrial temperature range from
40 C to +85C




Similar Part No. - DAC1005D650

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1005D650 NXP-DAC1005D650 Datasheet
202Kb / 41P
Dual 10-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Rev. 01-28 July 2009
DAC1005D650HW/C1 NXP-DAC1005D650HW/C1 Datasheet
202Kb / 41P
Dual 10-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Rev. 01-28 July 2009
More results


Similar Description - DAC1005D650

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1005D650 NXP-DAC1005D650 Datasheet
202Kb / 41P
Dual 10-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Rev. 01-28 July 2009
DAC1408D650_1008 NXP-DAC1408D650_1008 Datasheet
2Mb / 98P
Dual 14-bit DAC up to 650 Msps 2, 4 or 8 interpolating
Rev. 02-11 August 2010
DAC1408D650_1011 NXP-DAC1408D650_1011 Datasheet
2Mb / 98P
Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
Rev. 4-26 November 2010
logo
Integrated Device Techn...
DAC1208D650 IDT-DAC1208D650 Datasheet
629Kb / 96P
Dual 12-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
DAC1405D650 IDT-DAC1405D650 Datasheet
409Kb / 41P
Dual 14-bit DAC, up to 650 Msps; 2?? 4??and 8??interpolating
DAC1408D650 IDT-DAC1408D650 Datasheet
689Kb / 96P
Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
logo
Renesas Technology Corp
DAC1008D650 RENESAS-DAC1008D650 Datasheet
631Kb / 96P
Dual 10-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
DAC1208D650 RENESAS-DAC1208D650 Datasheet
633Kb / 96P
Dual 12-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
DAC1405D650 RENESAS-DAC1405D650 Datasheet
413Kb / 41P
Dual 14-bit DAC, up to 650 Msps; 2, 4 and 8 interpolating
2 July 2012
DAC1205D650 RENESAS-DAC1205D650 Datasheet
412Kb / 41P
Dual 12-bit DAC, up to 650 Msps; 2x4x and 8x interpolating
2 July 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com