Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL1507 Datasheet (PDF) - Renesas Technology Corp

EL1507 Datasheet PDF - Renesas Technology Corp
Part # EL1507
Download  EL1507 Download
File Size   830.46 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Medium Power Differential Line Driver

EL1507 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL1507 Datasheet PDF - Renesas Technology Corp

Part # EL1507
Download  EL1507 Click to download

File Size   830.46 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Medium Power Differential Line Driver

EL1507 Datasheet (HTML) - Renesas Technology Corp


EL1507 Product details

Features
• Drives 360mA at 16VP-P on ±12V supplies
• 40VP-P differential output drive into 100
• -75dBc typical driver output distortion driving 50 at 1MHz
and 1/2-IS bias current
• Low quiescent current of 3.5mA per amplifier in 1/2-IS
mode
• Power down disable mode
• Pb-free plus anneal available (RoHS compliant)
Applications
• ADSL G.DMT and G.lite CO line driving
• G.SHDSL, HDSL2 line driver
• ADSL CPE line driving
• Video distribution amplifier
• Video twisted-pair line driver




Similar Part No. - EL1507

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1507 INTERSIL-EL1507 Datasheet
75Kb / 2P
Medium Power Differential Line Driver
February 9, 2005
EL1507 INTERSIL-EL1507 Datasheet
410Kb / 16P
Medium Power Differential Line Driver
March 26, 2007
logo
Elantec Semiconductor
EL1507C ELANTEC-EL1507C Datasheet
151Kb / 2P
Medium Power Differential Line Driver
EL1507CL ELANTEC-EL1507CL Datasheet
151Kb / 2P
Medium Power Differential Line Driver
logo
Intersil Corporation
EL1507CL INTERSIL-EL1507CL Datasheet
75Kb / 2P
Medium Power Differential Line Driver
February 9, 2005
More results


Similar Description - EL1507

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL1507C ELANTEC-EL1507C Datasheet
151Kb / 2P
Medium Power Differential Line Driver
EL1509C ELANTEC-EL1509C Datasheet
149Kb / 2P
Medium Power Differential Line Driver
logo
Intersil Corporation
EL1519 INTERSIL-EL1519 Datasheet
98Kb / 2P
Medium Power Differential Line Driver
July 26, 2004
EL1509 INTERSIL-EL1509 Datasheet
59Kb / 2P
Medium Power Differential Line Driver
June 24, 2004
EL1511 INTERSIL-EL1511 Datasheet
73Kb / 2P
Medium Power Differential Line Driver
February 10, 2005
EL1507 INTERSIL-EL1507_07 Datasheet
410Kb / 16P
Medium Power Differential Line Driver
March 26, 2007
EL1511 INTERSIL-EL1511_07 Datasheet
442Kb / 18P
Medium Power Differential Line Driver
EL1506 INTERSIL-EL1506_05 Datasheet
47Kb / 2P
Medium Power Differential Line Driver
April 18, 2005
EL1510 INTERSIL-EL1510 Datasheet
227Kb / 10P
Medium Power Differential Line Driver
March 26, 2007
logo
Renesas Technology Corp
EL1509 RENESAS-EL1509 Datasheet
525Kb / 10P
Medium Power Differential Line Driver
March 26, 2007
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com