Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL400 Datasheet (PDF) - Renesas Technology Corp

EL400 Datasheet PDF - Renesas Technology Corp
Part # EL400
Download  EL400 Download
File Size   725.48 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 200MHz Current Feedback Amplifier

EL400 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL400 Datasheet PDF - Renesas Technology Corp

Part # EL400
Download  EL400 Click to download

File Size   725.48 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 200MHz Current Feedback Amplifier

EL400 Datasheet (HTML) - Renesas Technology Corp


EL400 Product details

Features
• 200MHz -3dB bandwidth, AV = 2
• 12ns settling to 0.05%
• VS = ±5V @ 15mA
• Low distortion: HD2, HD3 @
-60dBc at 20MHz
• Differential gain 0.02% at NTSC, PAL
• Differential phase 0.01° at NTSC, PAL
• Overload/short-circuit protected
• ±1 to ±8 closed-loop gain range
• Low cost
• Direct replacement for CLC400
Applications
• Video gain block
• Video distribution
• HDTV amplifier
• High-speed A/D conversion
• D/A I-V conversion
• Photodiode, CCD preamps
• IF processors
• High-speed communications




Similar Part No. - EL400

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL400 INTERSIL-EL400 Datasheet
259Kb / 9P
200MHz Current Feedback Amplifier
September 20, 2002
logo
Elantec Semiconductor
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
200MHz Current Feedback Amplifier
EL400CN ELANTEC-EL400CN Datasheet
427Kb / 11P
200MHz Current Feedback Amplifier
logo
Intersil Corporation
EL400CN INTERSIL-EL400CN Datasheet
259Kb / 9P
200MHz Current Feedback Amplifier
September 20, 2002
logo
Elantec Semiconductor
EL400CS ELANTEC-EL400CS Datasheet
427Kb / 11P
200MHz Current Feedback Amplifier
More results


Similar Description - EL400

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2070C ELANTEC-EL2070C Datasheet
467Kb / 14P
200MHz Current Feedback Amplifier
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
180MHz Current Feedback Amplifier
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
200MHz Current Feedback Amplifier
logo
Intersil Corporation
EL5160 INTERSIL-EL5160 Datasheet
941Kb / 15P
200MHz Low-Power Current Feedback Amplifiers
September 8, 2005
EL400 INTERSIL-EL400 Datasheet
259Kb / 9P
200MHz Current Feedback Amplifier
September 20, 2002
EL2070 INTERSIL-EL2070 Datasheet
329Kb / 11P
200MHz Current Feedback Amplifier
September 26, 2001
EL5160 INTERSIL-EL5160_07 Datasheet
538Kb / 17P
200MHz Low-Power Current Feedback Amplifiers
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
Current Feedback Amplifier
23-Feb-2017
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
Current Feedback Amplifier
24-Feb-2017
logo
Renesas Technology Corp
EL5160 RENESAS-EL5160 Datasheet
1Mb / 17P
200MHz Low-Power Current Feedback Amplifiers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com