Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5202 Datasheet (PDF) - Renesas Technology Corp

EL5202 Datasheet PDF - Renesas Technology Corp
Part # EL5202
Download  EL5202 Download
File Size   1795.75 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 400MHz Slew Enhanced VFAs

EL5202 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5202 Datasheet PDF - Renesas Technology Corp

Part # EL5202
Download  EL5202 Click to download

File Size   1795.75 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 400MHz Slew Enhanced VFAs

EL5202 Datasheet (HTML) - Renesas Technology Corp


EL5202 Product details

Features
• Operates off 3V, 5V, or ±5V supplies
• Power-down to 13μA (EL5202)
• -3dB bandwidth = 400MHz
• ±0.1dB bandwidth = 35MHz
• Low supply current = 5mA per amplifier
• Slew rate = 3500V/μs
• Low offset voltage = 5mV max
• Output current = 150mA
• AVOL = 2000
• Differential gain/phase = 0.01%/0.01°
• Pb-free (RoHS compliant)
Applications
• Video amplifiers
• PCMCIA applications
• A/D drivers
• Line drivers
• Portable computers
• High speed communications
• RGB applications
• Broadcast equipment
• Active filtering




Similar Part No. - EL5202

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5202 INTERSIL-EL5202 Datasheet
1,018Kb / 12P
400MHz Slew Enhanced VFAs
December 14, 2004
EL5202 INTERSIL-EL5202 Datasheet
1Mb / 12P
400MHz Slew Enhanced VFAs
October 3, 2005
EL5202 INTERSIL-EL5202 Datasheet
1Mb / 17P
400MHz Slew Enhanced VFAs
June 23, 2006
EL5202 INTERSIL-EL5202 Datasheet
1Mb / 17P
400MHz Slew Enhanced VFAs
January 17, 2008
EL5202IY INTERSIL-EL5202IY Datasheet
1,018Kb / 12P
400MHz Slew Enhanced VFAs
December 14, 2004
More results


Similar Description - EL5202

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5103 INTERSIL-EL5103 Datasheet
1,018Kb / 12P
400MHz Slew Enhanced VFAs
December 14, 2004
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
400MHz Slew Enhanced VFAs
October 3, 2005
EL5102 INTERSIL-EL5102_06 Datasheet
1Mb / 17P
400MHz Slew Enhanced VFAs
June 23, 2006
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
700MHz Slew-Enhanced VFAs
May 3, 2007
EL5102 INTERSIL-EL5102_08 Datasheet
1Mb / 17P
400MHz Slew Enhanced VFAs
January 17, 2008
ISL55033 INTERSIL-ISL55033 Datasheet
1Mb / 12P
400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
September 11, 2008
ISL55036 INTERSIL-ISL55036 Datasheet
687Kb / 11P
400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
September 11, 2008
ISL55033IRTZ INTERSIL-ISL55033IRTZ Datasheet
877Kb / 13P
400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
June 29, 2015
logo
Renesas Technology Corp
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
700MHz Slew-Enhanced VFAs
ISL55033 RENESAS-ISL55033 Datasheet
1Mb / 13P
400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com