Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5397A Datasheet (PDF) - Renesas Technology Corp

EL5397A Datasheet PDF - Renesas Technology Corp
Part # EL5397A
Download  EL5397A Download
File Size   871.66 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triple 200MHz Fixed Gain Amplifier with Enable

EL5397A Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5397A Datasheet PDF - Renesas Technology Corp

Part # EL5397A
Download  EL5397A Click to download

File Size   871.66 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triple 200MHz Fixed Gain Amplifier with Enable

EL5397A Datasheet (HTML) - Renesas Technology Corp


EL5397A Product details

Features
• Gain selectable (+1, -1, +2)
• 200MHz -3dB bandwidth (AV = 1, 2)
• 4mA supply current (per amplifier)
• Single and dual supply operation, from 5V to 10V or ±2.5V
to ±5V
• Fast enable/disable
• Available in 16 Ld QSOP package
• Single (EL5197) available
• 400MHz, 9mA products available (EL5196 and EL5396)
Applications
• Battery-powered equipment
• Hand-held, portable devices
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment
• Instrumentation
• Current to voltage converters




Similar Part No. - EL5397A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5397A INTERSIL-EL5397A Datasheet
563Kb / 13P
Triple 200MHz Fixed Gain Amplifier with Enable
January 22, 2004
EL5397A INTERSIL-EL5397A Datasheet
338Kb / 15P
Triple 200MHz Fixed Gain Amplifier with Enable
November 8, 2006
EL5397ACS INTERSIL-EL5397ACS Datasheet
563Kb / 13P
Triple 200MHz Fixed Gain Amplifier with Enable
January 22, 2004
EL5397ACS INTERSIL-EL5397ACS Datasheet
338Kb / 15P
Triple 200MHz Fixed Gain Amplifier with Enable
November 8, 2006
EL5397ACS-T13 INTERSIL-EL5397ACS-T13 Datasheet
563Kb / 13P
Triple 200MHz Fixed Gain Amplifier with Enable
January 22, 2004
More results


Similar Description - EL5397A

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5197C ELANTEC-EL5197C Datasheet
291Kb / 14P
Single 200MHz Fixed Gain Amplifier
EL5397C ELANTEC-EL5397C Datasheet
295Kb / 14P
Triple 200MHz Fixed Gain Amplifier
logo
Intersil Corporation
EL5197 INTERSIL-EL5197 Datasheet
275Kb / 13P
Single 200MHz Fixed Gain Amplifier with Enable
August 3, 2005
EL5396A INTERSIL-EL5396A Datasheet
557Kb / 13P
Triple 400MHz Fixed Gain Amplifier with Enable
January 22, 2004
logo
List of Unclassifed Man...
EL5196AC ETC1-EL5196AC Datasheet
223Kb / 15P
Single 400MHz Fixed Gain Amplifier with Enable
logo
Elantec Semiconductor
EL5197C ELANTEC-EL5197C Datasheet
224Kb / 15P
Single 200MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5397A INTERSIL-EL5397A Datasheet
563Kb / 13P
Triple 200MHz Fixed Gain Amplifier with Enable
January 22, 2004
EL5397A INTERSIL-EL5397A_06 Datasheet
338Kb / 15P
Triple 200MHz Fixed Gain Amplifier with Enable
November 8, 2006
EL5197 INTERSIL-EL5197_07 Datasheet
329Kb / 16P
Single 200MHz Fixed Gain Amplifier with Enable
May 16, 2007
logo
Renesas Technology Corp
EL5396A RENESAS-EL5396A Datasheet
750Kb / 13P
Triple 400MHz Fixed Gain Amplifier with Enable
September 20, 2002
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com