Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL8188 Datasheet (PDF) - Renesas Technology Corp

EL8188 Datasheet PDF - Renesas Technology Corp
Part # EL8188
Download  EL8188 Download
File Size   990.94 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp

EL8188 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL8188 Datasheet PDF - Renesas Technology Corp

Part # EL8188
Download  EL8188 Click to download

File Size   990.94 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp

EL8188 Datasheet (HTML) - Renesas Technology Corp


EL8188 Product details

Features
• Typical 55μA Supply Current
• 1mV Max Offset Voltage
• Typical 1pA Input Bias Current
• 266kHz Gain-bandwidth Product
• Single Supply Operation Between 2.4V to 5.5V
• Rail-to-rail Input and Output
• Ground Sensing
• Output Sources and Sinks 26mA Load Current
• Pb-free (RoHS compliant)
Applications
• Battery - or Solar-powered Systems
• 4mA to 20mA Current Loops
• Handheld Consumer Products
• Medical Devices
• Thermocouple Amplifiers
• Photodiode Pre-amps
• pH Probe Amplifiers




Similar Part No. - EL8188

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8188 INTERSIL-EL8188 Datasheet
873Kb / 11P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
February 22, 2007
EL8188 INTERSIL-EL8188 Datasheet
590Kb / 14P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
May 29, 2009
EL8188FIZ-T7 INTERSIL-EL8188FIZ-T7 Datasheet
590Kb / 14P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
May 29, 2009
EL8188FSZ INTERSIL-EL8188FSZ Datasheet
873Kb / 11P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
February 22, 2007
EL8188FSZ-T7 INTERSIL-EL8188FSZ-T7 Datasheet
873Kb / 11P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
February 22, 2007
More results


Similar Description - EL8188

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8178 INTERSIL-EL8178 Datasheet
641Kb / 8P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
October 5, 2005
EL8186 INTERSIL-EL8186 Datasheet
497Kb / 9P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
August 23, 2005
EL8176 INTERSIL-EL8176_06 Datasheet
476Kb / 13P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
October 26, 2006
EL8188 INTERSIL-EL8188_07 Datasheet
873Kb / 11P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
February 22, 2007
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
March 29, 2007
EL8178 INTERSIL-EL8178_08 Datasheet
804Kb / 15P
Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
March 17, 2008
EL8176 INTERSIL-EL8176 Datasheet
1Mb / 18P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8188 INTERSIL-EL8188 Datasheet
590Kb / 14P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
May 29, 2009
logo
Renesas Technology Corp
EL8176 RENESAS-EL8176 Datasheet
1Mb / 16P
Micropower Single Supply Rail-to-Rail Input/Output Precision Op Amp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com