Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7694 Datasheet (PDF) - Analog Devices

AD7694 Datasheet PDF - Analog Devices
Part # AD7694
Download  AD7694 Download
File Size   526.34 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN

AD7694 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7694 Datasheet PDF - Analog Devices

Part # AD7694
Download  AD7694 Click to download

File Size   526.34 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN

AD7694 Datasheet (HTML) - Analog Devices


AD7694 Product details

GENERAL DESCRIPTION

The AD7693 is a 16-bit, successive approximation, analog-to digital converter (ADC) that operates from a single power supply, VDD. It contains a low power, high speed, 16-bit sampling ADC with no missing codes, an internal conversion clock, and a versatile serial interface port. On the CNV rising edge, it samples the voltage difference between the IN+ and IN− pins. The voltages on these pins swing in opposite phase between 0 V and REF. The reference voltage, REF, is applied externally and can be set up to the supply voltage, VDD.



FEATURES

16-bit resolution with no missing codes

Throughput: 500 kSPS

INL: +/-0.25 LSB typical, ±0.65 LSB max (±10 ppm of FSR)

Dynamic range: 96.5 dB typical @ 500 kSPS

SINAD: 96 dB typical @ 1 kHz, REF = 5V

THD: −120 dB typical @ 1 kHz. REF = 5V

True differential analog input range: ±VREF

   0 V to VREF with VREF up to VDDon both inputs

No pipeline delay

Single-supply 5 V operation with

   1.8 V/2.5 V/3 V/5 V logic interface

Serial interface SPI®/QSPI™/MICROWIRE™/DSP-compatible

Daisy-chain multiple ADCs and busy indicator

Power dissipation

   4 mW @ 5 V/100 kSPS

   40 μW @ 5 V/1 kSPS

Standby current: 1 nA

10-lead package: MSOP (MSOP-8 size) and

   3 mm × 3 mm QFN (LFCSP) (SOT-23 size)

Pin-for-pin compatible with the AD7687, AD7688 and18-bit AD7690 and AD7691




Similar Part No. - AD7694

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7694 AD-AD7694 Datasheet
448Kb / 16P
16-Bit, 250 kSPS PulSAR ADC in MSOP
7/04-Revision 0
AD7694 AD-AD7694 Datasheet
469Kb / 24P
16-Bit Lower Power
REV. B
AD7694 AD-AD7694 Datasheet
292Kb / 12P
16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
REV. 0
AD7694 AD-AD7694 Datasheet
421Kb / 16P
16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
REV. A
AD7694 AD-AD7694 Datasheet
348Kb / 16P
16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. A
More results


Similar Description - AD7694

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7691 AD-AD7691 Datasheet
898Kb / 28P
18-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP/QFN
7/06-Revision 0
AD7688BRMZ AD-AD7688BRMZ Datasheet
437Kb / 28P
16-Bit, 1.5 LSB INL, 500 kSPS PulSAR??Differential ADC in MSOP/QFN
REV. A
AD7693BRMZ AD-AD7693BRMZ Datasheet
624Kb / 24P
16-Bit, 짹0.5 LSB, 500 kSPS PulSAR짰 Differential ADC in MSOP/QFN
REV. A
AD7687BRMZ AD-AD7687BRMZ Datasheet
469Kb / 28P
16-Bit, 1.5 LSB INL, 250 kSPS PulSAR??Differential ADC in MSOP/QFN
REV. B
AD7690BRMZ AD-AD7690BRMZ Datasheet
620Kb / 24P
18-Bit, 1.5 LSB INL, 400 kSPS PulSAR짰 Differential ADC in MSOP/QFN
REV. B
AD7686CRMZ AD-AD7686CRMZ Datasheet
611Kb / 28P
16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7688BRMRL7 AD-AD7688BRMRL7 Datasheet
437Kb / 28P
16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. A
AD7686BRM AD-AD7686BRM Datasheet
611Kb / 28P
16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7687 AD-AD7687 Datasheet
616Kb / 27P
16-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP
12/15-Rev. D to Rev. E
AD7688 AD-AD7688 Datasheet
562Kb / 29P
16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/LFCSP
6/14-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com