Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA808013 Datasheet (PDF) - Renesas Technology Corp

RAA808013 Datasheet PDF - Renesas Technology Corp
Part # RAA808013
Download  RAA808013 Download
File Size   2087.96 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.7V to 5.5V Input, 3A Synchronous Buck Regulator

RAA808013 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA808013 Datasheet PDF - Renesas Technology Corp

Part # RAA808013
Download  RAA808013 Click to download

File Size   2087.96 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.7V to 5.5V Input, 3A Synchronous Buck Regulator

RAA808013 Datasheet (HTML) - Renesas Technology Corp


RAA808013 Product details

Features
▪ 2.7V to 5.5V operating input range
▪ 3A output current
▪ Output adjustable from 0.6V
▪ 100% duty cycle in dropout
▪ 77mΩ and 42mΩ internal power MOSFET switches
▪ High switching frequency (1.5MHz)
▪ EN for power sequencing
▪ Internal soft-start
▪ Cycle-by-cycle overcurrent protection (7 times)
▪ OCP and SCP with hiccup mode
▪ Input undervoltage lockout (UVLO)
▪ Over-temperature protection
▪ Small TSOT23-6 package




Similar Part No. - RAA808013

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA808013 RENESAS-RAA808013 Datasheet
2Mb / 20P
2.7V to 5.5V Input, 3A Synchronous Buck Regulator
Feb 6, 2024
RAA808013GP3#JA0 RENESAS-RAA808013GP3#JA0 Datasheet
2Mb / 20P
2.7V to 5.5V Input, 3A Synchronous Buck Regulator
Feb 6, 2024
RAA808013 RENESAS-RAA808013_V01 Datasheet
2Mb / 20P
2.7V to 5.5V Input, 3A Synchronous Buck Regulator
Feb 6, 2024
More results


Similar Description - RAA808013

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8962MUV ROHM-BD8962MUV_12 Datasheet
979Kb / 20P
2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
BD8963EFJ ROHM-BD8963EFJ_12 Datasheet
1Mb / 23P
2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
BD9139MUV ROHM-BD9139MUV_12 Datasheet
957Kb / 22P
2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
BD9A300MUV ROHM-BD9A300MUV Datasheet
2Mb / 35P
2.7V to 5.5V Input, 3A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9A302QWZ ROHM-BD9A302QWZ Datasheet
3Mb / 40P
2.7V to 5.5V Input, 3A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B200MUV ROHM-BD9B200MUV Datasheet
1Mb / 33P
2.7V to 5.5V Input, 2.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9S300MUF-C ROHM-BD9S300MUF-C Datasheet
3Mb / 46P
2.7V to 5.5V Input, 3A Integrated MOSFET Single Synchronous Buck DC/DC Converter For Automotive
BDF9A301MUV-LB ROHM-BDF9A301MUV-LB Datasheet
2Mb / 36P
2.7V to 5.5V Input, 3A Integrated MOSFET Single Synchronous Buck DC/DC Converter
logo
Diodes Incorporated
AP61300 DIODES-AP61300 Datasheet
1Mb / 21P
2.4V TO 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 3 - 2 November 2022
logo
Renesas Technology Corp
RAA808015A RENESAS-RAA808015A Datasheet
1Mb / 25P
2.7V to 5.5V Input, 5A Synchronous Buck Regulators
Mar 2, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com