Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMLV3216A Datasheet (PDF) - Renesas Technology Corp

RMLV3216A Datasheet PDF - Renesas Technology Corp
Part # RMLV3216A
Download  RMLV3216A Download
File Size   299.88 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32Mb Advanced LPSRAM (2M word × 16bit / 4M word x 8bit)

RMLV3216A Datasheet (PDF)

Go To PDF Page Download Datasheet
RMLV3216A Datasheet PDF - Renesas Technology Corp

Part # RMLV3216A
Download  RMLV3216A Click to download

File Size   299.88 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32Mb Advanced LPSRAM (2M word × 16bit / 4M word x 8bit)

RMLV3216A Datasheet (HTML) - Renesas Technology Corp


RMLV3216A Product details

Description
The RMLV3216A Series is a family of 32-Mbit static RAMs organized 2,097,152-word × 16-bit, fabricated by
Renesas’s high-performance Advanced LPSRAM technologies. The RMLV3216A Series has realized higher density,
higher performance and low power consumption. The RMLV3216A Series offers low power standby power dissipation;
therefore, it is suitable for battery backup systems. It is offered in 48pin TSOP (I), 52pin TSOP (II) or 48-ball fine
pitch ball grid array.
Features
 Single 3V supply: 2.7V to 3.6V
 Access time: 55ns (max.)
 Current consumption:
── Standby: 0.6µA (typ.)
 Common data input and output
── Three state output
 Directly TTL compatible
── All inputs and outputs
 Battery backup operation




Similar Part No. - RMLV3216A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMLV3216A RENESAS-RMLV3216A Datasheet
366Kb / 16P
32Mb Advanced LPSRAM (2M word × 16bit / 4M word x 8bit)
2024.04.24
RMLV3216AGBG-5S2 RENESAS-RMLV3216AGBG-5S2 Datasheet
366Kb / 16P
32Mb Advanced LPSRAM (2M word × 16bit / 4M word x 8bit)
2024.04.24
RMLV3216AGSA-5S2 RENESAS-RMLV3216AGSA-5S2 Datasheet
366Kb / 16P
32Mb Advanced LPSRAM (2M word × 16bit / 4M word x 8bit)
2024.04.24
RMLV3216AGSD-5S2 RENESAS-RMLV3216AGSD-5S2 Datasheet
366Kb / 16P
32Mb Advanced LPSRAM (2M word × 16bit / 4M word x 8bit)
2024.04.24
RMLV3216A RENESAS-RMLV3216A_V01 Datasheet
366Kb / 16P
32Mb Advanced LPSRAM (2M word × 16bit / 4M word x 8bit)
2024.04.24
More results


Similar Description - RMLV3216A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV3216R RENESAS-R1LV3216R Datasheet
200Kb / 18P
32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
R1WV6416R RENESAS-R1WV6416R Datasheet
202Kb / 18P
64Mb Advanced LPSRAM (4M word x 16bit / 8M word x 8bit)
R1LV3216RSD-5SIB0 RENESAS-R1LV3216RSD-5SIB0 Datasheet
150Kb / 20P
32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
R1LV3216R RENESAS-R1LV3216R_15 Datasheet
150Kb / 20P
32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
R1WV6416R RENESAS-R1WV6416R_15 Datasheet
152Kb / 20P
64Mb Advanced LPSRAM (4M word x 16bit / 8M word x 8bit)
RMLV1616A RENESAS-RMLV1616A Datasheet
426Kb / 16P
16Mb Advanced LPSRAM (1M word 횞 16bit / 2M word x 8bit)
RMWV3216A RENESAS-RMWV3216A Datasheet
474Kb / 15P
32Mb Advanced LPSRAM (2M word 횞 16bit)
R1LV0816ASD RENESAS-R1LV0816ASD Datasheet
264Kb / 19P
8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
2009.12.08
RMLV1616A-U RENESAS-RMLV1616A-U Datasheet
337Kb / 15P
16Mbit LPSRAM (1M word × 16bit / 2M word x 8bit)
2022.12.05
RMWV6416A RENESAS-RMWV6416A Datasheet
300Kb / 16P
64Mb Advanced LPSRAM (4M word × 16bit / 8M word x 8bit)
2018.12.26
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com