Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTD60D Datasheet (PDF) - Renesas Technology Corp

RTD60D Datasheet PDF - Renesas Technology Corp
Part # RTD60D
Download  RTD60D Download
File Size   1144.63 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon-Based Thermopile Detector 60 Dual

RTD60D Datasheet (PDF)

Go To PDF Page Download Datasheet
RTD60D Datasheet PDF - Renesas Technology Corp

Part # RTD60D
Download  RTD60D Click to download

File Size   1144.63 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon-Based Thermopile Detector 60 Dual

RTD60D Datasheet (HTML) - Renesas Technology Corp


RTD60D Product details

Features
▪ A two-channel silicon-based thermopile detector in
a TO-5 package
▪ Five pin, 9.22mm TO-5 package
▪ Each small active area size is 0.61 × 0.61 mm
▪ Delivers a time constant of 18ms with Nitrogen
encapsulation gas
▪ Very low Temperature Coefficient of Responsivity
of -0.04%/°C
▪ Very short thermal shock response to ambient
temperature change
▪ Internal 5% NTC chip thermistor provides ambient
package temperature measurement
▪ Internal aperture precisely defines active area for
applications with FOV and/or spot size
requirements




Similar Part No. - RTD60D

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
RTD60 EDI-RTD60 Datasheet
47Kb / 2P
100mA SILICON CARTRIDGE RECTIFIERS
logo
Renesas Technology Corp
RTD60 RENESAS-RTD60 Datasheet
453Kb / 5P
Silicon-Based Thermopile Detector 60
Aug 31, 2021
More results


Similar Description - RTD60D

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
TPS333 PERKINELMER-TPS333 Datasheet
271Kb / 1P
Thermopile Detector
TPS334 PERKINELMER-TPS334 Datasheet
273Kb / 1P
Thermopile Detector
TPS334L106 PERKINELMER-TPS334L106 Datasheet
273Kb / 1P
Thermopile Detector
TPS434 PERKINELMER-TPS434 Datasheet
270Kb / 1P
Thermopile Detector
TPS534 PERKINELMER-TPS534 Datasheet
265Kb / 1P
Thermopile Detector
TPS535 PERKINELMER-TPS535 Datasheet
265Kb / 1P
Thermopile Detector
logo
Hamamatsu Corporation
T11361-01 HAMAMATSU-T11361-01 Datasheet
162Kb / 4P
Thermopile detector
logo
Renesas Technology Corp
RTD60 RENESAS-RTD60 Datasheet
453Kb / 5P
Silicon-Based Thermopile Detector 60
Aug 31, 2021
RTD120 RENESAS-RTD120 Datasheet
425Kb / 5P
Silicon-Based Thermopile Detector 120
Aug 31, 2021
RTD120D RENESAS-RTD120D Datasheet
4Mb / 5P
Silicon-Based Thermopile Detector 120 Dual
Aug 31, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com