Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX60077 Datasheet (PDF) - List of Unclassifed Manufacturers

CX60077 Datasheet PDF - List of Unclassifed Manufacturers
Part # CX60077
Download  CX60077 Download
File Size   154.57 Kbytes
Page   14 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 2.5 Gbps Long Haul Laser Driver

CX60077 Datasheet (PDF)

Go To PDF Page Download Datasheet
CX60077 Datasheet PDF - List of Unclassifed Manufacturers

Part # CX60077
Download  CX60077 Click to download

File Size   154.57 Kbytes
Page   14 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 2.5 Gbps Long Haul Laser Driver

CX60077 Datasheet (HTML) - List of Unclassifed Manufacturers


CX60077 Product details

Key Features
• Single supply : -5.2 Volts
• CML interface (with capability of receiving ECL level)
• Low power consumption ≤ 400 mW
• Input impedance of 50 Ω
• Loss of input data detection
• Pulse and bias current monitors
• 1 to 80 mA laser diode bias current
• 5 to 80 mA pulse current range

Applications
• Fiber-optic communication systems (OC-48)
• SONET/SDH test equipment

Product Description
The CX60077 is a high-speed laser driver designed for use in a transmitter module for fiber-optic communications, such as Synchronous
Optical Network (SONET), Synchronous Digital Hierarchy (SDH), Asynchronous Transfer Mode (ATM), and Dense Wavelength Division
Multiplexer (DWDM). This device can achieve a maximum output drive current of 80 mA into a 25 Ω load. Figure 1 illustrates the
functional block diagram, and Table 1 lists terminal descriptions. The CX60077 is available in a 32-pin flat pack, which is illustrated in
Figures 10 and 11.




Similar Part No. - CX60077

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
CX6007 PULSE-CX6007 Datasheet
81Kb / 2P
BROADBAND: RF & WIRELESS
More results


Similar Description - CX60077

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8311UD CEL-NX8311UD Datasheet
459Kb / 9P
1310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
Integrated Device Techn...
IDT821621 IDT-IDT821621 Datasheet
322Kb / 21P
LONG HAUL SLIC
logo
California Eastern Labs
NX8313UD CEL-NX8313UD Datasheet
315Kb / 8P
1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
Renesas Technology Corp
NX8316XC RENESAS-NX8316XC Datasheet
219Kb / 9P
1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
California Eastern Labs
NX8315XC CEL-NX8315XC Datasheet
194Kb / 6P
1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
M/A-COM Technology Solu...
02066-BRF-001-A MA-COM-02066-BRF-001-A Datasheet
105Kb / 2P
3 Gbps Laser Driver
logo
Renesas Technology Corp
NX8511UD RENESAS-NX8511UD_15 Datasheet
208Kb / 9P
1 550 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX8313UD RENESAS-NX8313UD_15 Datasheet
212Kb / 9P
1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX8316XC RENESAS-NX8316XC_15 Datasheet
219Kb / 9P
1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
PL10789EJ01V0DS RENESAS-PL10789EJ01V0DS Datasheet
219Kb / 9P
1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com