Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX60083 Datasheet (PDF) - List of Unclassifed Manufacturers

CX60083 Datasheet PDF - List of Unclassifed Manufacturers
Part # CX60083
Download  CX60083 Download
File Size   260.65 Kbytes
Page   14 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 10 Gbps High Gain Limiting Amplifier

CX60083 Datasheet (PDF)

Go To PDF Page Download Datasheet
CX60083 Datasheet PDF - List of Unclassifed Manufacturers

Part # CX60083
Download  CX60083 Click to download

File Size   260.65 Kbytes
Page   14 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 10 Gbps High Gain Limiting Amplifier

CX60083 Datasheet (HTML) - List of Unclassifed Manufacturers


CX60083 Product details

Key Features
• Limiting amplifier
• Integrated LOS and peak detect circuit
• Wide bandwidth and high sensitivity
• Compatible with DC- or AC-coupled input and output signals
• Fully differential architecture
• Optional single-ended input and/or output operation
• Available in a 32-terminal, 5 mm square EdQuad TQFP or as dice

Applications
• Fiber-optic communications (OC-48/OC-192)
• SONET/SDH test equipment
• Data communications

Product Description
The CX60083 is a high-gain, wide-bandwidth, limiting amplifier ideal for use as a post-amplifier in fiber-optic receivers. With its 10GHz
bandwidth, this amplifier has been optimized for data rates up to 10.7 Gbps and has an input sensitivity (BER < 10-10) of 5 mV, differential. It
accepts both single-ended and differential inputs and may be either AC- or DC- coupled. With approximately 39 dB of small signal gain, this
amplifier can limit input voltages at or above 5 mV P-P (single-ended) to an output voltage of 460 mV P-P (single-ended).
An on-chip Loss of Signal (LOS) detection circuit with hysteresis provides an LOS output signal. A high-gain, on-chip, peak detector provides a
DC output signal that is linearly proportional to the input signal amplitude. This signal can be used for Automatic Gain Control (AGC) of preceding
amplifier stages or a custom LOS network. High-impedance differential outputs and inputs are available for input voltage offset correction.
The CX60083, as shown in Figure 7, is available in a 32-terminal flat pack or as shown in Figure 9 in die form. Figure 1 is the system block
diagram.




Similar Part No. - CX60083

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
CX6008 PULSE-CX6008 Datasheet
81Kb / 2P
BROADBAND: RF & WIRELESS
More results


Similar Description - CX60083

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1191P TI-ONET1191P Datasheet
538Kb / 15P
11.3-Gbps Limiting Amplifier
logo
Hittite Microwave Corpo...
HMC750LP4 HITTITE-HMC750LP4 Datasheet
395Kb / 10P
12.5 Gbps LIMITING AMPLIFIER
HMC866LC3C HITTITE-HMC866LC3C_09 Datasheet
444Kb / 10P
32 Gbps LIMITING AMPLIFIER
HMC865LC3C HITTITE-HMC865LC3C_11 Datasheet
1Mb / 10P
32 Gbps LIMITING AMPLIFIER
HMC866LC3C HITTITE-HMC866LC3C_11 Datasheet
734Kb / 10P
32 Gbps LIMITING AMPLIFIER
logo
Texas Instruments
ONET1151P TI1-ONET1151P Datasheet
2Mb / 25P
11.3 Gbps Limiting Amplifier
ONET1151PRGTT TI-ONET1151PRGTT Datasheet
1Mb / 25P
11.3 Gbps Limiting Amplifier
ONET1191P TI1-ONET1191P_16 Datasheet
835Kb / 15P
11.3-Gbps Limiting Amplifier
logo
Analog Devices
HMC865LC3 AD-HMC865LC3 Datasheet
1Mb / 10P
32 Gbps LIMITING AMPLIFIER
v01.0614
HMC866LC3 AD-HMC866LC3 Datasheet
1Mb / 12P
32 Gbps LIMITING AMPLIFIER
v01.0614
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com