Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX8450 Datasheet (PDF) - Nexperia B.V. All rights reserved

BZX8450 Datasheet PDF - Nexperia B.V. All rights reserved
Part # BZX8450
Download  BZX8450 Download
File Size   236.84 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-current voltage regulator diodes

BZX8450 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX8450 Datasheet PDF - Nexperia B.V. All rights reserved

Part # BZX8450
Download  BZX8450 Click to download

File Size   236.84 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-current voltage regulator diodes

BZX8450 Datasheet (HTML) - Nexperia B.V. All rights reserved


BZX8450 Product details

description
Low-current voltage regulator diodes in a small SOT23 (TO-236AB) Surface-Mounted Device
(SMD) plastic package.

Features
• Total power dissipation: ≤ 250 mW
• Tolerance series: approximately ± 5 %
• Working voltage range: nominal 1.8 V to 10 V
• Specified at a low test current (50 μA), ideal for low bias and portable battery-powered
applications

Applications
• Low-current general regulation functions




Similar Part No. - BZX8450

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BZX8450 NEXPERIA-BZX8450 Datasheet
236Kb / 10P
Low-current voltage regulator diodes
Rev. 2 - 18 January 2023
BZX8450-C10 NEXPERIA-BZX8450-C10 Datasheet
236Kb / 10P
Low-current voltage regulator diodes
Rev. 2 - 18 January 2023
BZX8450-C10-Q NEXPERIA-BZX8450-C10-Q Datasheet
237Kb / 10P
Low-current voltage regulator diodes
Rev. 2 - 18 January 2023
BZX8450-C1V8 NEXPERIA-BZX8450-C1V8 Datasheet
236Kb / 10P
Low-current voltage regulator diodes
Rev. 2 - 18 January 2023
BZX8450-C1V8-Q NEXPERIA-BZX8450-C1V8-Q Datasheet
237Kb / 10P
Low-current voltage regulator diodes
Rev. 2 - 18 January 2023
More results


Similar Description - BZX8450

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BZX38450-Q_SER NEXPERIA-BZX38450-Q_SER Datasheet
235Kb / 10P
Low-current voltage regulator diodes
Rev. 3 - 18 January 2023
BZX58550-Q_SER NEXPERIA-BZX58550-Q_SER Datasheet
222Kb / 10P
Low-current voltage regulator diodes
Rev. 2 - 17 January 2023
BZX8450-Q_SER NEXPERIA-BZX8450-Q_SER Datasheet
237Kb / 10P
Low-current voltage regulator diodes
Rev. 2 - 18 January 2023
PLVA6XXA_SER NEXPERIA-PLVA6XXA_SER Datasheet
223Kb / 10P
Low-voltage avalanche regulator diodes
Rev. 4 - 1 January 2023
PLVA6XXA-Q_SER NEXPERIA-PLVA6XXA-Q_SER Datasheet
206Kb / 10P
Low-voltage avalanche regulator diodes
Rev. 1 - 12 May 2022
BZX8850S-Q_SER NEXPERIA-BZX8850S-Q_SER Datasheet
258Kb / 11P
Low-current voltage regulator diodes
Rev. 1 - 25 August 2021
BZX38450_SER NEXPERIA-BZX38450_SER Datasheet
234Kb / 10P
Low-current voltage regulator diodes
Rev. 3 - 18 January 2023
BZX58550_SER NEXPERIA-BZX58550_SER Datasheet
221Kb / 10P
Low-current voltage regulator diodes
Rev. 2 - 18 January 2023
BZX8450_SER NEXPERIA-BZX8450_SER Datasheet
236Kb / 10P
Low-current voltage regulator diodes
Rev. 2 - 18 January 2023
BZX8850S_SER NEXPERIA-BZX8850S_SER Datasheet
257Kb / 11P
Low-current voltage regulator diodes
Rev. 1 - 25 August 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com