Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24256X-F Datasheet (PDF) - STMicroelectronics

M24256X-F Datasheet PDF - STMicroelectronics
Part # M24256X-F
Download  M24256X-F Download
File Size   692.31 Kbytes
Page   42 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 256-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball WLCSP

M24256X-F Datasheet (PDF)

Go To PDF Page Download Datasheet
M24256X-F Datasheet PDF - STMicroelectronics

Part # M24256X-F
Download  M24256X-F Click to download

File Size   692.31 Kbytes
Page   42 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 256-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball WLCSP

M24256X-F Datasheet (HTML) - STMicroelectronics


M24256X-F Product details

Features
■ Compatible with following I2C bus modes: – 1 MHz (Fast-mode Plus) – 400 kHz (Fast-mode) – 100 kHz (Standard-mode)
■ Memory array: – 256 Kbit (32 Kbytes) of EEPROM – Page size: 64 bytes – Additional identification page
■ Configurable device address register
■ Software write protection register
■ Single supply voltage: 1.6 to 3.6 V
■ Operating temperature range: -40 °C up to +85 °C
■ Write cycle time: – Byte write within 5 ms – Page write within 5 ms
■ Random and sequential read modes
■ Enhanced ESD / latch-up protection
■ More than 4 million write cycles
■ More than 200-year data retention




Similar Part No. - M24256X-F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24256X-F STMICROELECTRONICS-M24256X-F Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results


Similar Description - M24256X-F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24256-A STMICROELECTRONICS-M24256-A Datasheet
176Kb / 20P
256 Kbit Serial I C Bus EEPROM With Two Chip Enable Lines
09-Nov-2001
ST24C04 STMICROELECTRONICS-ST24C04 Datasheet
125Kb / 16P
4 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
Feb-1999
logo
Fairchild Semiconductor
FM24C256 FAIRCHILD-FM24C256 Datasheet
89Kb / 12P
256 KBit 2-Wire Bus Interface Serial EEPROM with Write Protect
logo
STMicroelectronics
M24256-DRMN6TP STMICROELECTRONICS-M24256-DRMN6TP Datasheet
415Kb / 40P
256-Kbit serial I짼C bus EEPROM
17-Dec-2012
M93S46-W STMICROELECTRONICS-M93S46-W Datasheet
556Kb / 32P
4 Kbit, 2 Kbit and 1 Kbit serial MICROWIRE bus EEPROM with write protection
January 2015 Rev 7
M24C64X-FCU STMICROELECTRONICS-M24C64X-FCU Datasheet
469Kb / 35P
64-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
Rev 7 - September 2019
M24128X-FCU STMICROELECTRONICS-M24128X-FCU Datasheet
431Kb / 35P
128-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
Rev 2 - October 2019
logo
ON Semiconductor
N24S128 ONSEMI-N24S128 Datasheet
218Kb / 11P
128 Kb I2C CMOS Serial EEPROM with Software Write Protect and Programmable Device Address
April, 2019 - Rev. 2
logo
STMicroelectronics
M24256E-F STMICROELECTRONICS-M24256E-F Datasheet
864Kb / 46P
256-Kbit serial I2C bus EEPROM with configurable device address
August 2022 Rev 2
M24512-W STMICROELECTRONICS-M24512-W_V01 Datasheet
737Kb / 47P
512-Kbit serial I²C bus EEPROM
06-Oct-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com