Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA25600B Datasheet (PDF) - STMicroelectronics

BTA25600B Datasheet PDF - STMicroelectronics
Part # BTA25600B
Download  BTA25600B Download
File Size   191.55 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 800 V and 600 V, 25 A standard Triacs in RD91 package

BTA25600B Datasheet (PDF)

Go To PDF Page Download Datasheet
BTA25600B Datasheet PDF - STMicroelectronics

Part # BTA25600B
Download  BTA25600B Click to download

File Size   191.55 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 800 V and 600 V, 25 A standard Triacs in RD91 package

BTA25600B Datasheet (HTML) - STMicroelectronics


BTA25600B Product details

Features
• High current Triac
• Low thermal resistance with clip bonding
• High commutation (4 quadrants) or very high commutation (3 quadrants)
capability
• UL1557 recognized components (file ref: 81734)
• RoHS (2002/95/EC) compliant packages
Applications
• On/off function in static relays, heating regulation, induction motor starting
circuits
• Phase control operations in light dimmers and motor speed controllers
Description
Available in the Faston terminal RD91 package, the BTA25 is suitable for general
purpose AC switching and provides an insulated tab (rated at 2500 VRMS).
Representative samples of these components have been evaluated by UL and meet
applicable UL requirements for UL 1557 standard (file ref. 81734).




Similar Part No. - BTA25600B

ManufacturerPart #DatasheetDescription
logo
BUDDIES TECHNOLOGY LIMI...
BTA256M BUDDIES-BTA256M Datasheet
260Kb / 17P
Bluetooth Module
More results


Similar Description - BTA25600B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA25-700B STMICROELECTRONICS-BTA25-700B Datasheet
142Kb / 12P
25 A standard and Snubberless™ triacs
05-Jul-2007
BTA25-400B STMICROELECTRONICS-BTA25-400B Datasheet
135Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
BTA26-800BWRG STMICROELECTRONICS-BTA26-800BWRG Datasheet
135Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
logo
Kersemi Electronic Co.,...
BTA25-700B KERSEMI-BTA25-700B Datasheet
2Mb / 11P
Snuberrless and Standard 25 A Triacs
BTA25-600BW KERSEMI-BTA25-600BW Datasheet
2Mb / 11P
Snuberrless and Standard 25 A Triacs
BTA26-800CW KERSEMI-BTA26-800CW Datasheet
2Mb / 11P
Snuberrless and Standard 25 A Triacs
BTA26-600B KERSEMI-BTA26-600B Datasheet
2Mb / 11P
Snuberrless and Standard 25 A Triacs
BTA24-800B KERSEMI-BTA24-800B Datasheet
2Mb / 11P
Snuberrless and Standard 25 A Triacs
logo
STMicroelectronics
BTA26-400BRG STMICROELECTRONICS-BTA26-400BRG Datasheet
135Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
BTA26 STMICROELECTRONICS-BTA26_V01 Datasheet
207Kb / 10P
800 V and 600 V, 25 A standard Triacs in TOP3 package
03-Aug-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com