Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZMM3Z_SER Datasheet (PDF) - Nexperia B.V. All rights reserved

SZMM3Z_SER Datasheet PDF - Nexperia B.V. All rights reserved
Part # SZMM3Z_SER
Download  SZMM3Z_SER Download
File Size   268.11 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Voltage regulator diodes

SZMM3Z_SER Datasheet (PDF)

Go To PDF Page Download Datasheet
SZMM3Z_SER Datasheet PDF - Nexperia B.V. All rights reserved

Part # SZMM3Z_SER
Download  SZMM3Z_SER Click to download

File Size   268.11 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Voltage regulator diodes

SZMM3Z_SER Datasheet (HTML) - Nexperia B.V. All rights reserved


SZMM3Z_SER Product details

1. General description
General-purpose Zener diodes in a very small SOD323 (SC-76) Surface-Mounted Device (SMD)
plastic package.

2. Features and benefits
• Non-repetitive peak reverse power disspation: ≤ 40 W
• Total power dissipation: ≤ 300 mW
• Tolerance series: Approximately ± 5 %
• Wide working voltage range: nominal 2.4 V to 75 V
• Low differential resistance
• AEC-Q101 qualified

3. Applications
• General regulation functions




Similar Part No. - SZMM3Z_SER

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZMM3Z10VT1G ONSEMI-SZMM3Z10VT1G Datasheet
119Kb / 6P
Zener Voltage Regulators
January, 2014 ??Rev. 10
logo
Nexperia B.V. All right...
SZMM3Z10VT1G NEXPERIA-SZMM3Z10VT1G Datasheet
267Kb / 12P
Voltage regulator diodes
Rev. 4 9 October 2024
SZMM3Z10VT1G NEXPERIA-SZMM3Z10VT1G Datasheet
268Kb / 12P
Voltage regulator diodes
Rev. 2 30 March 2021
SZMM3Z10VT1GX NEXPERIA-SZMM3Z10VT1GX Datasheet
268Kb / 12P
Voltage regulator diodes
Rev. 2 30 March 2021
SZMM3Z11VT1G NEXPERIA-SZMM3Z11VT1G Datasheet
267Kb / 12P
Voltage regulator diodes
Rev. 4 9 October 2024
More results


Similar Description - SZMM3Z_SER

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
Voltage regulator diodes
1996 May 14
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
Voltage regulator diodes
2004 Mar 22
logo
Galaxy Semi-Conductor H...
BZD27C BILIN-BZD27C Datasheet
208Kb / 4P
VOLTAGE REGULATOR DIODES
logo
NXP Semiconductors
BZX79 NXP-BZX79 Datasheet
581Kb / 10P
Voltage regulator diodes
2002 Feb 27
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B6V2,215 NXP-BZX84-B6V2,215 Datasheet
741Kb / 11P
Voltage regulator diodes
2003 Apr 10
logo
Galaxy Semi-Conductor H...
BZD27C BILIN-BZD27C_15 Datasheet
202Kb / 4P
VOLTAGE REGULATOR DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com