Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTVS22VP1UTP Datasheet (PDF) - Nexperia B.V. All rights reserved

PTVS22VP1UTP Datasheet PDF - Nexperia B.V. All rights reserved
Part # PTVS22VP1UTP
Download  PTVS22VP1UTP Download
File Size   883.41 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description High-temperature 600 W Transient Voltage Suppressor

PTVS22VP1UTP Datasheet (PDF)

Go To PDF Page Download Datasheet
PTVS22VP1UTP Datasheet PDF - Nexperia B.V. All rights reserved

Part # PTVS22VP1UTP
Download  PTVS22VP1UTP Click to download

File Size   883.41 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description High-temperature 600 W Transient Voltage Suppressor

PTVS22VP1UTP Datasheet (HTML) - Nexperia B.V. All rights reserved


PTVS22VP1UTP Product details

1.1 General description
600 W unidirectional Transient Voltage Suppressor (TVS) in a SOD128 small and flat lead
Surface-Mounted Device (SMD) plastic package, designed for transient overvoltage
protection in high-temperature applications.
1.2 Features and benefits
1.3 Applications
 Power supply protection
 Automotive application
 Industrial application
 Power management
 High-temperature applications
 Rated peak pulse power: PPPM = 600 W  High temperature stability Tj  185 C
 Reverse standoff voltage range:
VRWM = 3.3 V to 64 V
 Small plastic package suitable for
surface-mounted design
 Reverse current: IRM = 0.001 A  AEC-Q101 qualified
 Very low package height: 1 mm




Similar Part No. - PTVS22VP1UTP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTVS22VP1UTP NXP-PTVS22VP1UTP Datasheet
137Kb / 12P
High-temperature 600 W Transient Voltage Suppressor Rev. 1 ??11 October 2011
Rev. 1-11 October 2011
logo
Nexperia B.V. All right...
PTVS22VP1UTP-Q NEXPERIA-PTVS22VP1UTP-Q Datasheet
227Kb / 11P
High-temperature 600 W Transient Voltage Suppressor
29 September 2022
More results


Similar Description - PTVS22VP1UTP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BZW06-273 ETC-BZW06-273 Datasheet
66Kb / 4P
600 W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
logo
NXP Semiconductors
PTVSXP1UP PHILIPS-PTVSXP1UP Datasheet
121Kb / 12P
600 W Transient Voltage Suppressor
Rev. 2-6 January 2011
PTVS36VP1UTP NXP-PTVS36VP1UTP Datasheet
137Kb / 12P
High-temperature 600 W Transient Voltage Suppressor
Rev. 1-11 October 2011
PTVS30VP1UTP NXP-PTVS30VP1UTP Datasheet
137Kb / 12P
High-temperature 600 W Transient Voltage Suppressor Rev. 1 ??11 October 2011
Rev. 1-11 October 2011
logo
Nexperia B.V. All right...
PTVSXS1UTR NEXPERIA-PTVSXS1UTR Datasheet
881Kb / 12P
High-temperature 400 W Transient Voltage Suppressor
PTVSXP1UP_SER NEXPERIA-PTVSXP1UP_SER Datasheet
682Kb / 12P
600 W Transient Voltage Suppressor
Rev. 2 - 6 January 2011
PTVSXS1UTR_SER NEXPERIA-PTVSXS1UTR_SER Datasheet
880Kb / 12P
High-temperature 400 W Transient Voltage Suppressor
Rev. 1 - 11 October 2011
PTVSXP1UP-Q_SER NEXPERIA-PTVSXP1UP-Q_SER Datasheet
223Kb / 11P
600 W Transient Voltage Suppressor
13 June 2022
PTVSXP1UTP-Q_SER NEXPERIA-PTVSXP1UTP-Q_SER Datasheet
227Kb / 11P
High-temperature 600 W Transient Voltage Suppressor
29 September 2022
PTVSXS1UTR-Q_SER NEXPERIA-PTVSXS1UTR-Q_SER Datasheet
233Kb / 12P
High-temperature 400 W Transient Voltage Suppressor
13 June 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com