Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TK48010S1 Datasheet (PDF) - VITALCONN ELECTRONICS HK LTD.

TK48010S1 Datasheet PDF - VITALCONN ELECTRONICS HK LTD.
Part # TK48010S1
Download  TK48010S1 Download
File Size   1014.15 Kbytes
Page   3 Pages
Manufacturer  VITALCONN [VITALCONN ELECTRONICS HK LTD.]
Direct Link  http://www.vitalconn.com/
Logo VITALCONN - VITALCONN ELECTRONICS HK LTD.
Description 2.5G BASE-T DUAL PORT MAGNETICS MODULES

TK48010S1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TK48010S1 Datasheet PDF - VITALCONN ELECTRONICS HK LTD.

Part # TK48010S1
Download  TK48010S1 Click to download

File Size   1014.15 Kbytes
Page   3 Pages
Manufacturer  VITALCONN [VITALCONN ELECTRONICS HK LTD.]
Direct Link  http://www.vitalconn.com/
Logo VITALCONN - VITALCONN ELECTRONICS HK LTD.
Description 2.5G BASE-T DUAL PORT MAGNETICS MODULES

TK48010S1 Datasheet (HTML) - VITALCONN ELECTRONICS HK LTD.


TK48010S1 Product details

FEATURE:
RoHS Compliant
Operating temperature range:-40℃ to +85℃
Storage temperature : -20℃ to +105℃




Similar Part No. - TK48010S1

ManufacturerPart #DatasheetDescription
logo
VITALCONN ELECTRONICS H...
TK48010S VITALCONN-TK48010S Datasheet
1,005Kb / 3P
2.5G BASE-T DUAL PORT MAGNETICS MODULES
2023/01/09 REV:A1
More results


Similar Description - TK48010S1

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
GS5012 BOTHHAND-GS5012 Datasheet
195Kb / 3P
1000 BASE -T DUAL PORT MAGNETICS MODULES
GS5014 BOTHHAND-GS5014 Datasheet
188Kb / 3P
1000 BASE -T DUAL PORT MAGNETICS MODULES
G2P109NLF BOTHHAND-G2P109NLF Datasheet
86Kb / 2P
1000 BASE -T DUAL PORT MAGNETICS MODULES
GS5012MLF BOTHHAND-GS5012MLF Datasheet
514Kb / 2P
1000 BASE-T DUAL PORT MAGNETICS MODULES
GS5014-1LF BOTHHAND-GS5014-1LF Datasheet
91Kb / 2P
1000 BASE -T DUAL PORT MAGNETICS MODULES
GS5014LF BOTHHAND-GS5014LF Datasheet
97Kb / 2P
1000 BASE -T DUAL PORT MAGNETICS MODULES
logo
LinkCom Manufacturing C...
LAN7241-50R LINKCOM-LAN7241-50R Datasheet
76Kb / 1P
2.5G BASE-T Magnetics Module
logo
VITALCONN ELECTRONICS H...
TC48010S VITALCONN-TC48010S Datasheet
1Mb / 3P
2.5G/5G BASE-T Dual Port MAGNETICS MODULES SUPPORTS POE PLUS
2022/04/25 REV:A1
TC48010S1 VITALCONN-TC48010S1 Datasheet
1Mb / 3P
2.5G BASE-T DUAL PORT MAGNETICS MODULES SUPPORTS POE PLUS
2023/01/09 REV:A1
TK48010S VITALCONN-TK48010S Datasheet
1,005Kb / 3P
2.5G BASE-T DUAL PORT MAGNETICS MODULES
2023/01/09 REV:A1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com