Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AUP1G00-Q100 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP1G00-Q100 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP1G00-Q100
Download  74AUP1G00-Q100 Download
File Size   229.27 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power 2-input NAND gate

74AUP1G00-Q100 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP1G00-Q100 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP1G00-Q100
Download  74AUP1G00-Q100 Click to download

File Size   229.27 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power 2-input NAND gate

74AUP1G00-Q100 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP1G00-Q100 Product details

1. General description
The 74AUP1G00-Q100 is a single 2-input NAND gate. Schmitt-trigger action at all inputs makes
the circuit tolerant of slower input rise and fall times. This device ensures very low static and
dynamic power consumption across the entire VCC range from 0.8 V to 3.6 V. This device is fully
specified for partial power down applications using IOFF. The IOFF circuitry disables the output,
preventing the damaging backflow current through the device when it is powered down.
This product has been qualified to the Automotive Electronics Council (AEC) standard Q100
(Grade 1) and is suitable for use in automotive applications.

2. Features and benefits
• Automotive product qualification in accordance with AEC-Q100 (Grade 1)
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
• Wide supply voltage range from 0.8 V to 3.6 V
• CMOS low power dissipation
• High noise immunity
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 Vto 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3A exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• MIL-STD-883, method 3015 Class 3A exceeds 5000 V
• Low static power consumption; ICC = 0.9 μA (maximum)
• Latch-up performance exceeds 100 mA per JESD 78 Class II
• Overvoltage tolerant inputs to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial Power-down mode operation




Similar Part No. - 74AUP1G00-Q100

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G00-Q100 NEXPERIA-74AUP1G00-Q100 Datasheet
248Kb / 14P
Low-power 2-input NAND gate
Rev. 4 19 September 2024
74AUP1G00-Q100 NEXPERIA-74AUP1G00-Q100_V01 Datasheet
248Kb / 14P
Low-power 2-input NAND gate
Rev. 4 19 September 2024
More results


Similar Description - 74AUP1G00-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G00 PHILIPS-74AUP2G00 Datasheet
83Kb / 16P
Low-power dual 2-input NAND gate
Rev. 01-25 August 2006
74AUP1G00 PHILIPS-74AUP1G00 Datasheet
83Kb / 16P
Low-power 2-input NAND gate
Rev. 02-29 June 2006
74AUP1G38 NXP-74AUP1G38 Datasheet
91Kb / 15P
Low-power 2-input NAND gate (open drain)
Rev. 03-22 June 2009
74AUP2G00 NXP-74AUP2G00 Datasheet
537Kb / 17P
Low-power dual 2-input NAND gate
Rev. 04-5 June 2008
logo
Texas Instruments
SN74AUP1G00 TI1-SN74AUP1G00_16 Datasheet
1Mb / 36P
Low-Power Single 2-Input Positive-NAND Gate
logo
Nexperia B.V. All right...
74AXP1G00 NEXPERIA-74AXP1G00 Datasheet
794Kb / 17P
Low-power 2-input NAND gate
74AUP2G00-Q100 NEXPERIA-74AUP2G00-Q100 Datasheet
223Kb / 13P
Low-power dual 2-input NAND gate
Rev. 2 - 9 June 2022
74AUP1G00 NEXPERIA-74AUP1G00 Datasheet
274Kb / 18P
Low-power 2-input NAND gate
Rev. 8 - 13 January 2022
74AUP1G38 NEXPERIA-74AUP1G38 Datasheet
269Kb / 18P
Low-power 2-input NAND gate (open drain)
Rev. 9 - 16 August 2022
74AUP2G00 NEXPERIA-74AUP2G00 Datasheet
302Kb / 20P
Low-power dual 2-input NAND gate
Rev. 11 - 9 June 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com