Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2741B Datasheet (PDF) - Bel Fuse Inc.

2741B Datasheet PDF - Bel Fuse Inc.
Part # 2741B
Download  2741B Download
File Size   60.4 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers

2741B Datasheet (PDF)

Go To PDF Page Download Datasheet
2741B Datasheet PDF - Bel Fuse Inc.

Part # 2741B
Download  2741B Click to download

File Size   60.4 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers

2741B Datasheet (HTML) - Bel Fuse Inc.


2741B Product details

• Designed for DS1, DS1C, and CEPT applications

• Electrostatic shield provides improved longitudinal signal suppression and EMI reduction

• Maximum inductance unbalance of center-tapped windings is 0.1%

• Operating temperature range: -40° C to +85° C

• Meets IEC 695, 2-2 flammability requirements

• PWB Process Capability: standard printed wiring board assembly techniques, total-immersion cleaning

• Reliability testing: Shock, vibration, temperature cycling, temperature - humidity - bias



 




Similar Part No. - 2741B

ManufacturerPart #DatasheetDescription
logo
Heyco.
2741 HEYCO-2741 Datasheet
105Kb / 1P
Dome Plugs
logo
Kemet Corporation
2741 KEMET-2741 Datasheet
739Kb / 4P
For voltage balancing and/or discharge of electrolytic capacitors
logo
Presto International UK...
27410 PRESTO-27410 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
27411 PRESTO-27411 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
PHOENIX CONTACT
2741134 PHOENIX-2741134 Datasheet
46Kb / 2P
Mounting plate, short
More results


Similar Description - 2741B

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2662K BEL-2662K Datasheet
50Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformers
2664AK BEL-2664AK Datasheet
27Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformers
2741H2 BEL-2741H2 Datasheet
31Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Shielded Transformers
2741J BEL-2741J Datasheet
56Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformer
2741S BEL-2741S Datasheet
61Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers
2745AF BEL-2745AF Datasheet
62Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformers
2745AJ2 BEL-2745AJ2 Datasheet
34Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformers
2745C BEL-2745C Datasheet
60Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformers
2745F BEL-2745F Datasheet
62Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Hardened Transformers
2745H2 BEL-2745H2 Datasheet
43Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com