Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2741E2 Datasheet (PDF) - Bel Fuse Inc.

2741E2 Datasheet PDF - Bel Fuse Inc.
Part # 2741E2
Download  2741E2 Download
File Size   39.81 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformer

2741E2 Datasheet (PDF)

Go To PDF Page Download Datasheet
2741E2 Datasheet PDF - Bel Fuse Inc.

Part # 2741E2
Download  2741E2 Click to download

File Size   39.81 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformer

2741E2 Datasheet (HTML) - Bel Fuse Inc.


2741E2 Product details

HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformer

• Operates at the DS1 rate of 1.544 Mbits/s
• Provides high step-up ratio
• Provides monitoring via winding (5-1)
• Operating Temperature Range: -40° C to +85°C
• Meets IEC 695, 2-2 flammability requirements
• PWB Process Capability: Standard Printed Wiring Board assembly techniques, total-immersion cleaning
• Reliability testing: Shock, vibration, temperature cycling, temperature - humidity - bias




Similar Part No. - 2741E2

ManufacturerPart #DatasheetDescription
logo
Heyco.
2741 HEYCO-2741 Datasheet
105Kb / 1P
Dome Plugs
logo
Kemet Corporation
2741 KEMET-2741 Datasheet
739Kb / 4P
For voltage balancing and/or discharge of electrolytic capacitors
logo
Presto International UK...
27410 PRESTO-27410 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
27411 PRESTO-27411 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
PHOENIX CONTACT
2741134 PHOENIX-2741134 Datasheet
46Kb / 2P
Mounting plate, short
More results


Similar Description - 2741E2

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2662N BEL-2662N Datasheet
37Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformer
2741F2 BEL-2741F2 Datasheet
45Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Hardened Transformer
2741J BEL-2741J Datasheet
56Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformer
2741R2 BEL-2741R2 Datasheet
45Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Magnetics
2745AF BEL-2745AF Datasheet
62Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformers
2745AG2 BEL-2745AG2 Datasheet
42Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformer
2745AK2 BEL-2745AK2 Datasheet
27Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Shielded Transformer
2745AL2 BEL-2745AL2 Datasheet
42Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Hardened Transformer
2745B BEL-2745B Datasheet
42Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformer
2745AH BEL-2745AH Datasheet
43Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformer
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com