Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46121V Datasheet (PDF) - Renesas Technology Corp

SLG46121V Datasheet PDF - Renesas Technology Corp
Part # SLG46121V
Download  SLG46121V Download
File Size   4165.13 Kbytes
Page   99 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GreenPAK Dual Supply Programmable Mixed-signal Matrix

SLG46121V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG46121V Datasheet PDF - Renesas Technology Corp

Part # SLG46121V
Download  SLG46121V Click to download

File Size   4165.13 Kbytes
Page   99 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GreenPAK Dual Supply Programmable Mixed-signal Matrix

SLG46121V Datasheet (HTML) - Renesas Technology Corp


SLG46121V Product details

Features
• Logic & Mixed Signal Circuits
• Highly Versatile Macrocells
• 1.8 V (±5%) to 5 V (±10%) VDD
• 1.8 V (±5%) to 5 V (±10%) VDD2 (VDD2 ≤ VDD)
• Operating Temperature Range: -40to 85°C
• RoHS Compliant / Halogen-Free
• Pb-Free 12-pin STQFN: 1.6 x 1.6 x 0.55 mm, 0.4 mm pitch




Similar Part No. - SLG46121V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46121V DIALOG-SLG46121V Datasheet
936Kb / 98P
Personal Computers and Servers
SLG46121VTR DIALOG-SLG46121VTR Datasheet
936Kb / 98P
Personal Computers and Servers
More results


Similar Description - SLG46121V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
GreenPAK Programmable Mixed-signal Matrix
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46621 RENESAS-SLG46621 Datasheet
3Mb / 216P
GreenPAK Programmable Mixed-signal Matrix with Dual Supply
March 6, 2023
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com