Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46140V Datasheet (PDF) - Renesas Technology Corp

SLG46140V Datasheet PDF - Renesas Technology Corp
Part # SLG46140V
Download  SLG46140V Download
File Size   2711.24 Kbytes
Page   174 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GreenPAK Programmable Mixed-signal Matrix

SLG46140V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG46140V Datasheet PDF - Renesas Technology Corp

Part # SLG46140V
Download  SLG46140V Click to download

File Size   2711.24 Kbytes
Page   174 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GreenPAK Programmable Mixed-signal Matrix

SLG46140V Datasheet (HTML) - Renesas Technology Corp


SLG46140V Product details

General Description
The SLG46140 GreenPAK is a one-time non-volatile memory
(NVM) Programmable Mixed-Signal Matrix designed to
implement a wide variety of mixed-signal functions in a single,
small, low-power device by integrating a number of common
discrete ICs and passive components.
Features
• Logic & Mixed Signal Circuits
• Highly Versatile Macrocells
• 1.8V (±5%) to 5V (±10%) Supply
• Operating Temperature Range: -40°C to 85°C
• RoHS Compliant / Halogen-Free
• Pb-Free: 1.6 x 2.0 x 0.55 mm, 0.4 mm pitch




Similar Part No. - SLG46140V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46140V RENESAS-SLG46140V Datasheet
2Mb / 172P
Programmable Mixed-signal Matrix
Revised April 7, 2025
SLG46140VTR RENESAS-SLG46140VTR Datasheet
2Mb / 172P
Programmable Mixed-signal Matrix
Revised April 7, 2025
More results


Similar Description - SLG46140V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
GreenPAK Programmable Mixed-signal Matrix
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
GreenPAK Programmable Mixed-signal Matrix
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com