Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46722 Datasheet (PDF) - Renesas Technology Corp

SLG46722 Datasheet PDF - Renesas Technology Corp
Part # SLG46722
Download  SLG46722 Download
File Size   1216.07 Kbytes
Page   88 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GreenPAK Programmable Mixed Signal Array

SLG46722 Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG46722 Datasheet PDF - Renesas Technology Corp

Part # SLG46722
Download  SLG46722 Click to download

File Size   1216.07 Kbytes
Page   88 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GreenPAK Programmable Mixed Signal Array

SLG46722 Datasheet (HTML) - Renesas Technology Corp


SLG46722 Product details

Features
• Logic & Mixed Signal Circuits
• Highly Versatile Macrocells
• Read Back Protection (Read Lock)
• 1.8V (±5%) to 5V (±10%) Supply
• Operating Temperature Range: -40°C to 85°C
• RoHS Compliant / Halogen-Free
• 20-pin STQFN: 2 x 3 x 0.55 mm, 0.4 mm pitch




Similar Part No. - SLG46722

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46722 DIALOG-SLG46722 Datasheet
412Kb / 83P
Personal Computers and Servers
SLG46722V DIALOG-SLG46722V Datasheet
412Kb / 83P
Personal Computers and Servers
SLG46722VTR DIALOG-SLG46722VTR Datasheet
412Kb / 83P
Personal Computers and Servers
More results


Similar Description - SLG46722

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
GreenPAK Programmable Mixed-signal Matrix
SLG46200 DIALOG-SLG46200 Datasheet
1Mb / 69P
GreenPAK Programmable Mixed Signal Array
SLG46400 DIALOG-SLG46400 Datasheet
1Mb / 95P
GreenPAK 2TM Rev.B Programmable Mixed Signal Array
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46721 RENESAS-SLG46721 Datasheet
1Mb / 103P
GreenPAK Programmable Mixed Signal Array
March 10, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com