Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS05D Datasheet (PDF) - Renesas Technology Corp

HCS05D Datasheet PDF - Renesas Technology Corp
Part # HCS05D
Download  HCS05D Download
File Size   389.34 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Triple 3-Input NAND Gate

HCS05D Datasheet (PDF)

Go To PDF Page Download Datasheet
HCS05D Datasheet PDF - Renesas Technology Corp

Part # HCS05D
Download  HCS05D Click to download

File Size   389.34 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Triple 3-Input NAND Gate

HCS05D Datasheet (HTML) - Renesas Technology Corp


HCS05D Product details

Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/
Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (SI)/s 20ns Pulse
• Cosmic Ray Upset Immunity < 2 x 10-9 Errors/Gate Day
(Typ)
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 30% of VCC Max
- VIH = 70% of VCC Min
• Input Current Levels Ii  5A at VOL, VOH




Similar Part No. - HCS05D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS05D INTERSIL-HCS05D Datasheet
107Kb / 7P
Radiation Hardened Hex Inverter with Open Drain
September 1995
HCS05D INTERSIL-HCS05D Datasheet
181Kb / 8P
Radiation Hardened Triple 3-Input NAND Gate
September 1995
logo
Renesas Technology Corp
HCS05D RENESAS-HCS05D Datasheet
316Kb / 7P
Radiation Hardened Hex Inverter with Open Drain
September 1995
logo
Intersil Corporation
HCS05DMSR INTERSIL-HCS05DMSR Datasheet
107Kb / 7P
Radiation Hardened Hex Inverter with Open Drain
September 1995
HCS05DMSR INTERSIL-HCS05DMSR Datasheet
181Kb / 8P
Radiation Hardened Triple 3-Input NAND Gate
September 1995
More results


Similar Description - HCS05D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS10MS INTERSIL-ACS10MS Datasheet
106Kb / 8P
Radiation Hardened Triple Three-Input NAND Gate
April 1995
ACS27MS INTERSIL-ACS27MS Datasheet
38Kb / 2P
Radiation Hardened Triple 3-Input NOR Gate
July 1999
ACTS10MS INTERSIL-ACTS10MS Datasheet
112Kb / 8P
Radiation Hardened Triple Three-Input NAND Gate
April 1995
HCS10MS INTERSIL-HCS10MS Datasheet
181Kb / 8P
Radiation Hardened Triple 3-Input NAND Gate
September 1995
HCS11MS INTERSIL-HCS11MS Datasheet
160Kb / 6P
Radiation Hardened Triple 3-Input AND Gate
November 1994
HCS27MS INTERSIL-HCS27MS Datasheet
180Kb / 8P
Radiation Hardened Triple 3-Input NOR Gate
September 1995
HCTS10MS INTERSIL-HCTS10MS Datasheet
147Kb / 9P
Radiation Hardened Triple 3-Input NAND Gate
September 1995
HCTS11MS INTERSIL-HCTS11MS Datasheet
121Kb / 7P
Radiation Hardened Triple 3-Input AND Gate
November 1994
HCTS27MS INTERSIL-HCTS27MS Datasheet
54Kb / 9P
Radiation Hardened Triple 3-Input NOR Gate
September 1995
logo
Renesas Technology Corp
HCS27MS RENESAS-HCS27MS Datasheet
386Kb / 8P
Radiation Hardened Triple 3-Input NOR Gate
September 1995
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com