Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS132D Datasheet (PDF) - Renesas Technology Corp

HCS132D Datasheet PDF - Renesas Technology Corp
Part # HCS132D
Download  HCS132D Download
File Size   368.24 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Quad 2-Input NAND Schmitt Trigger

HCS132D Datasheet (PDF)

Go To PDF Page Download Datasheet
HCS132D Datasheet PDF - Renesas Technology Corp

Part # HCS132D
Download  HCS132D Click to download

File Size   368.24 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Quad 2-Input NAND Schmitt Trigger

HCS132D Datasheet (HTML) - Renesas Technology Corp


HCS132D Product details

Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/
Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Cosmic Ray Upset Immunity < 2 x 10-9 Errors/Gate Day
(Typ
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 30% of VCC Max
- VIH = 70% of VCC Min
• Input Current Levels Ii  5A at VOL, VOH




Similar Part No. - HCS132D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS132D INTERSIL-HCS132D Datasheet
156Kb / 8P
Radiation Hardened Quad 2-Input NAND Schmitt Trigger
August 1995
HCS132DMSR INTERSIL-HCS132DMSR Datasheet
156Kb / 8P
Radiation Hardened Quad 2-Input NAND Schmitt Trigger
August 1995
More results


Similar Description - HCS132D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS132MS INTERSIL-ACS132MS Datasheet
50Kb / 2P
Radiation Hardened Quad 2-Input NAND Schmitt Trigger
November 1998
HCS132MS INTERSIL-HCS132MS Datasheet
156Kb / 8P
Radiation Hardened Quad 2-Input NAND Schmitt Trigger
August 1995
HCTS132MS INTERSIL-HCTS132MS Datasheet
123Kb / 9P
Radiation Hardened Quad 2-Input NAND Schmitt Trigger
August 1995
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
Quad 2-Input NAND Schmitt Trigger
logo
NXP Semiconductors
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com