Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS164D Datasheet (PDF) - Renesas Technology Corp

HCS164D Datasheet PDF - Renesas Technology Corp
Part # HCS164D
Download  HCS164D Download
File Size   431.41 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened 8-Bit Serial-In/Parallel-Out Register

HCS164D Datasheet (PDF)

Go To PDF Page Download Datasheet
HCS164D Datasheet PDF - Renesas Technology Corp

Part # HCS164D
Download  HCS164D Click to download

File Size   431.41 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened 8-Bit Serial-In/Parallel-Out Register

HCS164D Datasheet (HTML) - Renesas Technology Corp


HCS164D Product details

Features
• 3 Micron Radiation Hardened CMOS SOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/
Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up-Free Under Any Conditions
• Fanout (Over Temperature Range)
- Standard Outputs - 10 LSTTL Loads
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 0.3 VCC Max
- VIH = 0.7 VCC Min
• Input Current Levels Ii  5A at VOL, VOH




Similar Part No. - HCS164D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS164D INTERSIL-HCS164D Datasheet
221Kb / 9P
Radiation Hardened 8-Bit Serial-In/Parallel-Out Register
September 1995
HCS164D INTERSIL-HCS164D Datasheet
223Kb / 9P
Radiation Hardened 8-Bit Serial-In/Parallel-Out Register
September 1995
HCS164DMSR INTERSIL-HCS164DMSR Datasheet
221Kb / 9P
Radiation Hardened 8-Bit Serial-In/Parallel-Out Register
September 1995
HCS164DMSR INTERSIL-HCS164DMSR Datasheet
223Kb / 9P
Radiation Hardened 8-Bit Serial-In/Parallel-Out Register
September 1995
More results


Similar Description - HCS164D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC164 FAIRCHILD-74VHC164 Datasheet
110Kb / 8P
8-Bit Serial-In, Parallel-Out Shift Register
DM74LS164 FAIRCHILD-DM74LS164 Datasheet
61Kb / 5P
8-Bit Serial In/Parallel Out Shift Register
DM74LS166 FAIRCHILD-DM74LS166 Datasheet
78Kb / 6P
8-Bit Parallel-In/Serial-Out Shift Register
logo
Intersil Corporation
HCS164MS INTERSIL-HCS164MS Datasheet
221Kb / 9P
Radiation Hardened 8-Bit Serial-In/Parallel-Out Register
September 1995
HCS166MS INTERSIL-HCS166MS Datasheet
227Kb / 9P
Radiation Hardened 8-Bit Parallel-Input/Serial Output Shift Register
September 1995
HCTS164MS INTERSIL-HCTS164MS Datasheet
223Kb / 9P
Radiation Hardened 8-Bit Serial-In/Parallel-Out Register
September 1995
HCTS164MS INTERSIL-HCTS164MS_02 Datasheet
271Kb / 8P
Radiation Hardened 8-Bit Serial-In/Parallel-Out Shift Register
August 1995
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Renesas Technology Corp
HCS166MS RENESAS-HCS166MS Datasheet
447Kb / 9P
Radiation Hardened 8-Bit Parallel-Input/Serial Output Shift Register
September 1995
HCTS164MS RENESAS-HCTS164MS Datasheet
442Kb / 8P
Radiation Hardened 8-Bit Serial-In/Parallel-Out Shift Register
August 1995
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com